Electronic Components Datasheet Search
  English  ▼

X  

PCF2123 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCF2123
Description  SPI Real time clock/calendar
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCF2123 Datasheet HTML 34Page - NXP Semiconductors PCF2123 Datasheet HTML 35Page - NXP Semiconductors PCF2123 Datasheet HTML 36Page - NXP Semiconductors PCF2123 Datasheet HTML 37Page - NXP Semiconductors PCF2123 Datasheet HTML 38Page - NXP Semiconductors PCF2123 Datasheet HTML 39Page - NXP Semiconductors PCF2123 Datasheet HTML 40Page - NXP Semiconductors PCF2123 Datasheet HTML 41Page - NXP Semiconductors PCF2123 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
PCF2123_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 4 December 2009
38 of 55
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
[1]
For reliable oscillator start at power-on: VDD =VDD(min) + 0.3 V.
[2]
Timer source clock = 1
⁄
60 Hz, level of pins CE, SDI and SCL is VDD or VSS.
[3]
Implicit by design.
[4]
Refers to external pull-up voltage.
[5]
Integrated load capacitance, CL(itg), is a calculation of COSCI and COSCO in series.
IL
leakage current
VI =VDD or VSS on pins SDI,
SCL, OSCI, CLKOE, CLKOUT
−10
+1
µA
VI =VSS on pin CE
−10
-
µA
Rpd
pull-down resistance
on pin CE
-
240
550
k
Ω
Ci
input capacitance
on pins SDI, SCL, CLKOE and
CE
[3] --7
pF
Outputs
VO
output voltage
on pins CLKOUT and INT
[4]
−0.5
-
+5.5
V
on pin OSCO
−0.5
-
+5.5
V
on pin SDO
−0.5
-
VDD + 0.5
V
VOH
HIGH-level output voltage
on pin SDO
0.8VDD
-VDD
V
VOL
LOW-level output voltage
on pin SDO
VSS
-
0.2VDD
V
on pins CLKOUT and INT;
VDD =5V;
IOL = 1.5 mA
VSS
-
0.4
V
IOH
HIGH-level output current
output source current;
VOH = 4.6 V;
VDD = 5 V on pin SDO
1.5
-
-
mA
IOL
LOW-level output current
output sink current;
VOL = 0.4 V;
VDD = 5 V on pins INT, SDO
and CLKOUT
1.5
-
-
mA
ILO
output leakage current
VO =VDD or VSS
−10
+1
µA
CL(itg)
integrated load
capacitance
on pins OSCO and OSCI
[5] 3.3
7
14
pF
Rs
series resistance
-
-
100
k
Ω
Table 44.
Static characteristics …continued
VDD = 1.1 V to 5.5 V; VSS =0V; Tamb = −40 °C to +85 °C; fosc = 32.768 kHz; quartz Rs =15kΩ; CL = 7 pF; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
C
Litg
()
C
OSCI
C
OSCO
⋅
()
C
OSCI
C
OSCO
+
()
--------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com