Electronic Components Datasheet Search
  English  ▼

X  

LVR005 Datasheet(PDF) 12 Page - Tyco Electronics

Part # LVR005
Description  PolySwitch Resettable Devices
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LVR005 Datasheet(HTML) 12 Page - Tyco Electronics

Back Button LVR005 Datasheet HTML 8Page - Tyco Electronics LVR005 Datasheet HTML 9Page - Tyco Electronics LVR005 Datasheet HTML 10Page - Tyco Electronics LVR005 Datasheet HTML 11Page - Tyco Electronics LVR005 Datasheet HTML 12Page - Tyco Electronics LVR005 Datasheet HTML 13Page - Tyco Electronics LVR005 Datasheet HTML 14Page - Tyco Electronics LVR005 Datasheet HTML 15Page - Tyco Electronics LVR005 Datasheet HTML 16Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Table R4 - Dimensions for Radial-leaded Devices in Millimeters (Inches)
Cont'd
...
Dimension
Part
A
B
C
D
E
F
H
J
Number
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
TYP.
TYP.
TYP.
Figure
RUEF
30V
RUEF500
—
14.0
—
24.1
—
3.0
7.6
—
9.4
10.9
—
1.19
1.0
R13, R15,
(0.55)
(0.95)
(0.12)
(0.30)
(0.37)
(0.43)
(0.047)
(0.04)
R16
RUEF600
—
16.5
—
24.1
—
3.0
7.6
—
9.4
10.9
—
1.19
1.0
R13, R15,
(0.65)
(0.95)
(0.12)
(0.30)
(0.37)
(0.43)
(0.047)
(0.04)
R16
RUEF700
—
19.1
—
25.9
—
3.0
7.6
—
9.4
10.9
—
1.19
1.2
R13, R15,
(0.75)
(1.02)
(0.12)
(0.30)
(0.37)
(0.43)
(0.047)
(0.05)
R16
RUEF800
—
21.6
—
28.4
—
3.0
7.6
—
9.4
10.9
—
1.19
1.5
R13, R15,
(0.85)
(1.12)
(0.12)
(0.30)
(0.37)
(0.43)
(0.047)
(0.06)
R16
RUEF900
—
24.1
—
29.0
—
3.0
7.6
—
9.4
10.9
—
1.19
1.5
R13, R15,
(0.95)
(1.14)
(0.12)
(0.30)
(0.37)
(0.43)
(0.047)
(0.06)
R16
RHEF
30V - High Temperature
RHEF050
—
7.4
—
12.7
—
3.0
7.6
—
4.3
5.8
1.21
—
—
—
(0.29)
(0.50)
(0.12)
(0.30)
(0.17)
(0.23)
(0.05)
RHEF070
—
6.86
—
10.8
—
3.0
7.6
—
4.3
5.8
1.2
1.24
1.2
R12, R15,
(0.27)
(0.43)
(0.12)
(0.30)
(0.17)
(0.23)
(0.05)
(0.049)
(0.05)
R16
RHEF100
—
9.7
—
13.6
—
3.0
7.6
—
4.3
5.8
—
—
—
—
(0.38)
(0.54)
(0.12)
(0.30)
(0.17)
(0.23)
RUSBF
16V
RUSBF090
—
7.4
—
12.2
—
3.0
7.6
—
4.3
5.8
—
0.89
0.8
R12, R15,
(0.29)
(0.48)
(0.12)
(0.30)
(0.17)
(0.23)
(0.035)
(0.03)
R16
RUSBF110
—
7.4
—
14.2
—
3.0
7.6
—
4.3
5.8
—
0.89
0.8
R12, R15,
(0.29)
(0.56)
(0.12)
(0.30)
(0.17)
(0.23)
(0.035)
(0.03)
R16
RUSBF135
—
8.9
—
13.5
—
3.0
7.6
—
4.3
5.8
—
0.89
1.0
R12, R15,
(0.35)
(0.53)
(0.12)
(0.30)
(0.17)
(0.23)
(0.035)
(0.04)
R16
RUSBF160
—
8.9
—
15.2
—
3.0
7.6
—
4.3
5.8
—
0.89
1.0
R12, R15,
(0.35)
(0.60)
(0.12)
(0.30)
(0.17)
(0.23)
(0.035)
(0.04)
R16
RUSBF185
—
10.2
—
15.7
—
3.0
7.6
—
4.3
5.8
—
0.89
1.0
R12, R15,
(0.40)
(0.62)
(0.12)
(0.30)
(0.17)
(0.23)
(0.035)
(0.04)
R16
RUSBF250
—
11.4
—
18.3
—
3.0
7.6
—
4.3
5.8
—
0.89
1.2
R12, R15,
(0.45)
(0.72)
(0.12)
(0.30)
(0.17)
(0.23)
(0.035)
(0.05)
R16
RGEF
16V
RGEF250
—
8.9
—
12.8
—
3.0
3.18
6.18
4.3
5.8
1.21
1.24
1.2
R12, R15,
(0.35)
(0.50)
(0.12)
(0.13)
(0.24)
(0.17)
(0.23)
(0.05)
(0.049)
(0.05)
R16
RGEF300
6.1
7.1
6.1
11.0
2.0
3.0
7.6
—
4.3
5.8
1.21
1.24
1.2
R13, R15,
(0.24)
(0.28)
(0.24)
(0.43)
(0.08)
(0.12)
(0.30)
(0.17)
(0.23)
(0.05)
(0.049)
(0.05)
R16
RGEF400
7.9
8.9
7.9
12.8
2.0
3.0
7.6
—
4.3
5.8
1.21
1.24
1.4
R13, R15,
(0.31)
(0.35)
(0.31)
(0.50)
(0.08)
(0.12)
(0.30)
(0.17)
(0.23)
(0.05)
(0.049)
(0.06)
R16
RGEF500
9.4
10.4
9.4
14.3
2.0
3.0
7.6
—
4.3
5.8
1.21
1.24
1.6
R13, R15,
(0.37)
(0.41)
(0.37)
(0.56)
(0.08)
(0.12)
(0.30)
(0.17)
(0.23)
(0.05)
(0.049)
(0.06)
R16
RGEF600
9.7
10.7
12.2
17.1
2.0
3.0
7.6
—
4.3
5.8
1.21
1.24
1.6
R13, R15,
(0.38)
(0.42)
(0.48)
(0.67)
(0.08)
(0.12)
(0.30)
(0.17)
(0.23)
(0.05)
(0.049)
(0.06)
R16
RGEF700
10.2
11.2
14.7
19.7
2.0
3.0
7.6
—
4.3
5.8
1.21
1.24
1.7
R13, R15,
(0.40)
(0.44)
(0.58)
(0.78)
(0.08)
(0.12)
(0.30)
(0.17)
(0.23)
(0.05)
(0.049)
(0.07)
R16
RGEF800
11.7
12.7
16.0
20.9
2.0
3.0
7.6
—
4.3
5.8
1.21
1.24
1.8
R13, R15,
(0.46)
(0.50)
(0.63)
(0.82)
(0.08)
(0.12)
(0.30)
(0.17)
(0.23)
(0.05)
(0.049)
(0.07)
R16
RGEF900
13.0
14.0
16.8
21.7
2.0
3.0
7.6
—
4.3
5.8
1.21
1.24
2.0
R13, R15,
(0.51)
(0.55)
(0.66)
(0.85)
(0.08)
(0.12)
(0.30)
(0.17)
(0.23)
(0.05)
(0.049)
(0.08)
R16
RGEF1000
15.5
16.5
21.1
25.2
2.0
3.0
7.6
—
4.3
5.8
1.21
1.24
2.0
R13, R15,
(0.61)
(0.65)
(0.83)
(0.99)
(0.08)
(0.12)
(0.30)
(0.17)
(0.23)
(0.05)
(0.049)
(0.08)
R16
RGEF1100
16.5
17.5
21.1
26.0
2.0
3.0
7.6
—
4.3
5.8
1.2
1.24
2.4
R13, R15,
(0.65)
(0.69)
(0.83)
(1.02)
(0.08)
(0.12)
(0.30)
(0.17)
(0.23)
(0.05)
(0.049)
(0.09)
R16
RGEF1200
16.4
17.5
22.6
28.0
2.3
3.5
7.6
—
9.4
10.9
1.4
1.45
1.5
R13, R15,
(0.65)
(0.69)
(0.89)
(1.10)
(0.09)
(0.14)
(0.30)
(0.37)
(0.43)
(0.06)
(0.057)
(0.06)
R16
RGEF1400
22.4
23.5
22.6
27.9
2.3
3.5
7.6
—
9.4
10.9
1.4
1.45
1.9
R13, R15,
(0.88)
(0.925)
(0.89)
(1.10)
(0.09)
(0.14)
(0.30)
(0.37)
(0.43)
(0.06)
(0.057)
(0.08)
R16
RHEF
16V - High Temperature
RHEF200
—
9.4
14.4
—
—
3.0
7.6
—
4.3
5.8
—
—
—
R10, R15,
(0.37)
(0.57)
(0.12)
(0.30)
(0.17)
(0.23)
R16
121
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com