Electronic Components Datasheet Search
  English  ▼

X  

PCF8566U Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF8566U
Description  Universal LCD driver for low multiplex rates
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8566U Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF8566U Datasheet HTML 24Page - NXP Semiconductors PCF8566U Datasheet HTML 25Page - NXP Semiconductors PCF8566U Datasheet HTML 26Page - NXP Semiconductors PCF8566U Datasheet HTML 27Page - NXP Semiconductors PCF8566U Datasheet HTML 28Page - NXP Semiconductors PCF8566U Datasheet HTML 29Page - NXP Semiconductors PCF8566U Datasheet HTML 30Page - NXP Semiconductors PCF8566U Datasheet HTML 31Page - NXP Semiconductors PCF8566U Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
PCF8566_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 25 February 2009
28 of 48
NXP Semiconductors
PCF8566
Universal LCD driver for low multiplex rates
11. Static characteristics
Table 19.
Static characteristics
VSS = 0 V; VDD = 2.5 V to 6.0 V; VLCD = VDD − 2.5 V to VDD − 6.0 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
2.5
-
6.0
V
VLCD
LCD supply voltage
VDD − 6.0
-
VDD − 2.5
V
IDD
supply current:
fclk = 200 kHz
[1]
-30
90
µA
IDD(lp)
low-power mode supply current
VDD = 3.5 V;
VLCD = 0 V;
fclk = 35 kHz;
A0 to A2 tied to
VSS
[1]
-15
40
µA
Logic
Vi
input voltage
VSS − 0.5
-
VDD + 0.5
V
VIL
LOW-level input voltage
VSS
-
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-VDD
V
IOL
LOW-level output current
on pins CLK and
SYNC;
VOL = 1.0 V;
VDD = 5.0 V
−1-
-
mA
IL
leakage current
on pins SA0, CLK,
OSC, A0 to A2;
VI =VDD or VSS
−1-
+1
µA
IOH(CLK)
HIGH-level output current on pin
CLK
VOH = 4.0 V;
VDD = 5.0 V
-
-
+1
mA
Ipd
pull-down current
on pins OSC and
A0 to A2;
VI = 1.0 V;
VDD = 5.0 V
15
50
150
µA
RPU
pull-up resistance
on pin SYNC
15
25
60
k
Ω
VPOR
power-on reset voltage
[2]
-
1.3
2
V
CI
input capacitance
[3]
--7
pF
I2C-bus; pins SDA and SCL
Vi
input voltage
VSS − 0.5
-
6
V
VIL
LOW-level input voltage
VSS
-
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-6
V
IL
leakage current
VI =VDD or VSS
−10
+1
µA
IOL
LOW-level output current
VOL = 0.4 V;
VDD = 5.0 V
−3-
-
mA
CI
input capacitance
[3]
--7
pF
tw(spike)
spike pulse width
on bus
-
-
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com