Electronic Components Datasheet Search
  English  ▼

X  

PCF8566U Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCF8566U
Description  Universal LCD driver for low multiplex rates
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8566U Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCF8566U Datasheet HTML 28Page - NXP Semiconductors PCF8566U Datasheet HTML 29Page - NXP Semiconductors PCF8566U Datasheet HTML 30Page - NXP Semiconductors PCF8566U Datasheet HTML 31Page - NXP Semiconductors PCF8566U Datasheet HTML 32Page - NXP Semiconductors PCF8566U Datasheet HTML 33Page - NXP Semiconductors PCF8566U Datasheet HTML 34Page - NXP Semiconductors PCF8566U Datasheet HTML 35Page - NXP Semiconductors PCF8566U Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
PCF8566_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 25 February 2009
32 of 48
NXP Semiconductors
PCF8566
Universal LCD driver for low multiplex rates
Fig 24. Driver timing waveforms
Fig 25. I2C-bus timing waveforms
mgg391
1
fclk
tclk(H)
tclk(L)
tPD(SYNC_N)
tSYNC_NL
tPD(drv)
0.5 V
0.5 V
(VDD = 5 V)
0.3VDD
0.7VDD
0.3VDD
0.7VDD
CLK
SYNC
BP0 to BP3
S0 to S23
SDA
mga728
SDA
SCL
tSU;STA
tSU;STO
tHD;STA
tBUF
tLOW
tHD;DAT
tHIGH
tr
tf
tSU;DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com