Electronic Components Datasheet Search
  English  ▼

X  

PDTA143XM Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PDTA143XM
Description  PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA143XM Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PDTA143XM Datasheet HTML 4Page - NXP Semiconductors PDTA143XM Datasheet HTML 5Page - NXP Semiconductors PDTA143XM Datasheet HTML 6Page - NXP Semiconductors PDTA143XM Datasheet HTML 7Page - NXP Semiconductors PDTA143XM Datasheet HTML 8Page - NXP Semiconductors PDTA143XM Datasheet HTML 9Page - NXP Semiconductors PDTA143XM Datasheet HTML 10Page - NXP Semiconductors PDTA143XM Datasheet HTML 11Page - NXP Semiconductors PDTA143XM Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PDTA143X_SER_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 16 April 2007
10 of 12
NXP Semiconductors
PDTA143X series
PNP resistor-equipped transistors; R1 = 4.7 k
Ω, R2 = 10 kΩ
10. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PDTA143X_SER_4
20070416
Product data sheet
-
PDTA143X_SERIES_3
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Type number PDTA143XEF removed
• Section 1.2 “Features”: amended
• Section 1.3 “Applications”: amended
• Table 4 “Ordering information”: added
• Table 5 “Marking codes”: enhanced table note section
• Table 6 “Limiting values”: typing error for value VEBO emitter-base voltage corrected
• Table 6 “Limiting values”: ICM peak collector current conditions added
• Table 8 “Characteristics”: Vi(on) redefined to VI(on) on-state input voltage
• Table 8 “Characteristics”: Vi(off) redefined to VI(off) off-state input voltage
• Figure 1, 2, 3, 4, 9 and 10: added
• Figure 5, 6, 7, 8, 11 and 12: superseded by minimized package outline drawings
• Section 9 “Packing information”: added
• Section 11 “Legal information”: updated
PDTA143X_SERIES_3
20040804
Product specification
-
PDTA143X_SERIES_2
PDTA143X_SERIES_2
20030410
Product specification
-
PDTA143XEF_1
PDTA143XK_1
PDTA143XE_1
PDTA143XT_1
PDTA143XEF_1
20020314
Product specification
-
-
PDTA143XK_1
20020115
Product specification
-
-
PDTA143XE_1
19990420
Product specification
-
-
PDTA143XT_1
19990420
Product specification
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com