Electronic Components Datasheet Search
  English  ▼

X  

TS600 Datasheet(PDF) 6 Page - Tyco Electronics

Part # TS600
Description  PolySwitch Resettable Devices Telecommunications & Networking Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TS600 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button TS600 Datasheet HTML 2Page - Tyco Electronics TS600 Datasheet HTML 3Page - Tyco Electronics TS600 Datasheet HTML 4Page - Tyco Electronics TS600 Datasheet HTML 5Page - Tyco Electronics TS600 Datasheet HTML 6Page - Tyco Electronics TS600 Datasheet HTML 7Page - Tyco Electronics TS600 Datasheet HTML 8Page - Tyco Electronics TS600 Datasheet HTML 9Page - Tyco Electronics TS600 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
192
RoHS Compliant, ELV Compliant
10
Device’s Ambient Temperature (˚C)
200
150
100
50
0
-40
-20
0
20
40
60
80
A
A
B
B
Figure T1
A=
TCF250-180
B=
All other TCF, TRF,
TSx, TSM series devices
NEW
Maximum Ambient Temperature
Part Number
-40°C
-20°C
0°C
20°C
40°C
50°C
60°C
70°C
85°C
Chip* — 250VAC
TCF250
TCF250-100T
0.155
0.138
0.119
0.100
0.083
0.073
0.064
0.055
0.042
TCF250-120T
0.186
0.165
0.143
0.120
0.099
0.088
0.077
0.066
0.050
TCF250-145T
0.225
0.199
0.172
0.145
0.119
0.106
0.093
0.080
0.060
TCF250-180‡
0.269
0.240
0.211
0.180
0.153
0.138
0.123
0.109
0.087
Radial-leaded* — 250VAC
TRF250
TRF250-055UT
0.085
0.076
0.065
0.055
0.045
0.041
0.035
0.030
0.023
TRF250-080U
0.124
0.110
0.095
0.080
0.066
0.059
0.051
0.044
0.033
TRF250-110U
0.171
0.151
0.131
0.110
0.091
0.081
0.071
0.061
0.046
TRF250-120
0.186
0.165
0.143
0.120
0.099
0.088
0.077
0.066
0.050
TRF250-145
0.225
0.199
0.172
0.145
0.119
0.106
0.093
0.080
0.060
TRF250-183‡
0.284
0.251
0.217
0.183
0.149
0.133
0.117
0.101
0.075
TRF250-184‡
0.286
0.252
0.218
0.184
0.150
0.134
0.118
0.102
0.075
Surface-mount* — 250VAC
TS250/TSL250/TSV250
TSL250-080F
0.124
0.110
0.095
0.080
0.066
0.059
0.051
0.044
0.033
TS250-130F
0.208
0.182
0.156
0.130
0.104
0.091
0.078
0.065
0.045
TSV250-130F
0.208
0.182
0.156
0.130
0.104
0.091
0.078
0.065
0.045
Radial-leaded† — 600VAC
TRF600
TRF600-150
0.239
0.209
0.180
0.150
0.121
0.107
0.093
0.079
0.057
TR600-150F-EX
0.239
0.209
0.180
0.150
0.121
0.107
0.093
0.079
0.057
TR600-150F-EX-RA
0.239
0.209
0.180
0.150
0.121
0.107
0.093
0.079
0.057
TRF600-160
0.255
0.223
0.192
0.160
0.129
0.114
0.099
0.084
0.061
TRF600-400
0.640
0.560
0.480
0.400
0.320
0.270
0.230
0.190
0.130
Surface-mount† — 600VAC
TS600/TSM600
TS600-170F
0.264
0.230
0.200
0.170
0.140
0.125
0.109
0.094
0.070
TS600-200F-RA-B-0.5
0.310
0.275
0.238
0.200
0.165
0.147
0.128
0.110
0.083
TS600-400F
0.640
0.560
0.480
0.400
0.320
0.270
0.230
0.190
0.130
TSM600-250F
0.400
0.350
0.300
0.250
0.198
0.170
0.140
0.117
0.083
TSM600-250F-RA
0.400
0.350
0.300
0.250
0.198
0.170
0.140
0.117
0.083
TSM600-400F
0.640
0.560
0.480
0.400
0.320
0.270
0.230
0.190
0.130
* 250VAC interrupt products are designed to help equipment pass ITU K.20, K.21, & K.45 recommendations and Telcordia GR-1089 Port Type 2 & 4 requirements.
† 600VAC interrupt products are designed to help equipment pass UL60950, TIA-968-A and GR1089 Port Type 1, 3 & 5 requirements.
‡ Product is not currently available in a resistance matched or sorted option.
NEW
NEW
Table T2
Thermal Derating for Telecommunications and Networking Devices
[Hold Current (A) at Ambient Temperature (°C)]
Figure T1 Thermal Derating [Hold Current (A) at Ambient Temperature (°C)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com