Electronic Components Datasheet Search
  English  ▼

X  

PEMD48 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PEMD48
Description  NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓 and R1 = 2.2 k廓, R2 = 47 k廓
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PEMD48 Datasheet(HTML) 3 Page - NXP Semiconductors

  PEMD48 Datasheet HTML 1Page - NXP Semiconductors PEMD48 Datasheet HTML 2Page - NXP Semiconductors PEMD48 Datasheet HTML 3Page - NXP Semiconductors PEMD48 Datasheet HTML 4Page - NXP Semiconductors PEMD48 Datasheet HTML 5Page - NXP Semiconductors PEMD48 Datasheet HTML 6Page - NXP Semiconductors PEMD48 Datasheet HTML 7Page - NXP Semiconductors PEMD48 Datasheet HTML 8Page - NXP Semiconductors PEMD48 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PEMD48_PUMD48_5
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 13 April 2010
3 of 12
NXP Semiconductors
PEMD48; PUMD48
NPN/PNP resistor-equipped transistors
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Reflow soldering is the only recommended soldering method.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor; for the PNP transistor with negative polarity
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
10
V
VI
input voltage TR1
positive
-
+40
V
negative
-
−10
V
input voltage TR2
positive
-
+5
V
negative
-
−12
V
IO
output current
-
100
mA
ICM
peak collector current
-
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
PEMD48 (SOT666)
[1][2] -200
mW
PUMD48 (SOT363)
[1] -200
mW
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
PEMD48 (SOT666)
[1][2] -300
mW
PUMD48 (SOT363)
[1] -300
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com