Electronic Components Datasheet Search
  English  ▼

X  

PEMD48 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PEMD48
Description  NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓 and R1 = 2.2 k廓, R2 = 47 k廓
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PEMD48 Datasheet(HTML) 5 Page - NXP Semiconductors

  PEMD48 Datasheet HTML 1Page - NXP Semiconductors PEMD48 Datasheet HTML 2Page - NXP Semiconductors PEMD48 Datasheet HTML 3Page - NXP Semiconductors PEMD48 Datasheet HTML 4Page - NXP Semiconductors PEMD48 Datasheet HTML 5Page - NXP Semiconductors PEMD48 Datasheet HTML 6Page - NXP Semiconductors PEMD48 Datasheet HTML 7Page - NXP Semiconductors PEMD48 Datasheet HTML 8Page - NXP Semiconductors PEMD48 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PEMD48_PUMD48_5
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 13 April 2010
5 of 12
NXP Semiconductors
PEMD48; PUMD48
NPN/PNP resistor-equipped transistors
7.
Characteristics
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor; for the PNP transistor with negative polarity
ICBO
collector-base
cut-off current
VCB =50V;
IE =0A
--
100
nA
ICEO
collector-emitter
cut-off current
VCE =30V;
IB =0A
--
1
μA
VCE =30V;
IB =0A;
Tj =150 °C
--
50
μA
Transistor TR1 (NPN)
IEBO
emitter-base
cut-off current
VEB =5 V;
IC =0 A
--
90
μA
hFE
DC current gain
VCE =5V;
IC =5 mA
80
-
-
VCEsat
collector-emitter
saturation voltage
IC =10 mA;
IB =0.5 mA
--
150
mV
VI(off)
off-state input voltage
VCE =5V;
IC = 100 μA
-1.2
0.8
V
VI(on)
on-state input voltage
VCE =0.3 V;
IC =2 mA
31.6
-
V
R1
bias resistor 1 (input)
33
47
61
k
Ω
R2/R1
bias resistor ratio
0.8
1
1.2
Cc
collector capacitance
VCB =10V;
IE =ie =0A;
f=1MHz
--
2.5
pF
Transistor TR2 (PNP)
IEBO
emitter-base
cut-off current
VEB = −5V;
IC =0 A
--
−180
μA
hFE
DC current gain
VCE = −5V;
IC = −10 mA
100
-
-
VCEsat
collector-emitter
saturation voltage
IC = −5mA;
IB = −0.25 mA
--
−100
mV
VI(off)
off-state input voltage
VCE = −5V;
IC = −100 μA
-
−0.6
−0.5
V
VI(on)
on-state input voltage
VCE = −0.3 V;
IC = −5mA
−1.1
−0.75
-
V
R1
bias resistor 1 (input)
1.54
2.2
2.86
k
Ω
R2/R1
bias resistor ratio
17
21
26
Cc
collector capacitance
VCB = −10 V;
IE =ie =0A;
f=1MHz
--
3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com