Electronic Components Datasheet Search
  English  ▼

X  

PH2369 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PH2369
Description  NPN switching transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PH2369 Datasheet(HTML) 3 Page - NXP Semiconductors

  PH2369 Datasheet HTML 1Page - NXP Semiconductors PH2369 Datasheet HTML 2Page - NXP Semiconductors PH2369 Datasheet HTML 3Page - NXP Semiconductors PH2369 Datasheet HTML 4Page - NXP Semiconductors PH2369 Datasheet HTML 5Page - NXP Semiconductors PH2369 Datasheet HTML 6Page - NXP Semiconductors PH2369 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2004 Oct 11
3
NXP Semiconductors
Product data sheet
NPN switching transistor
PH2369
THERMAL CHARACTERISTICS
Note
1.
Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
note 1
250
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = 20 V; IE = 0 A
−
400
nA
VCB = 20 V; IE = 0 A; Tj = 125 °C
−
30
µA
IEBO
emitter-base cut-off current
VEB = 4 V; IC = 0 A
−
100
nA
hFE
DC current gain
VCE = 1 V; IC = 10 mA
40
120
VCE = 1 V; IC = 10 mA; Tamb = −55 °C
20
−
VCE = 2 V; IC = 100 mA
20
−
VCEsat
collector-emitter saturation voltage IC = 10 mA; IB = 1 mA
−
250
mV
VBEsat
base-emitter saturation voltage
IC = 10 mA; IB = 1 mA
700
850
mV
Cc
collector capacitance
VCB = 5 V; IE = ie = 0 A; f = 1 MHz
−
4
pF
Ce
emitter capacitance
VEB = 1 V; IC = ic = 0 A; f = 1 MHz
−
4.5
pF
fT
transition frequency
VCE = 10 V; IC = 10 mA; f = 100 MHz
500
−
MHz
Switching times (between 10 % and 90 % levels)
ton
turn-on time
ICon = 10 mA; IBon = 3 mA; IBoff = −1.5 mA;
see Fig.2 test conditions A
−
10
ns
td
delay time
−
4
ns
tr
rise time
−
6
ns
toff
turn-off time
−
20
ns
ts
storage time
−
10
ns
tf
fall time
−
10
ns
ton
turn-on time
ICon = 100 mA; IBon = 40 mA; IBoff = −20 mA;
see Fig.2 test conditions B
−
13
ns
toff
turn-off time
−
35
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com