Electronic Components Datasheet Search
  English  ▼

X  

PH2369 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PH2369
Description  NPN switching transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PH2369 Datasheet(HTML) 4 Page - NXP Semiconductors

  PH2369 Datasheet HTML 1Page - NXP Semiconductors PH2369 Datasheet HTML 2Page - NXP Semiconductors PH2369 Datasheet HTML 3Page - NXP Semiconductors PH2369 Datasheet HTML 4Page - NXP Semiconductors PH2369 Datasheet HTML 5Page - NXP Semiconductors PH2369 Datasheet HTML 6Page - NXP Semiconductors PH2369 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2004 Oct 11
4
NXP Semiconductors
Product data sheet
NPN switching transistor
PH2369
RC
R2
R1
DUT
mlb826
Vo
RB
(probe)
450
Ω
(probe)
450
Ω
oscilloscope
oscilloscope
VBB
VI
VCC
Test conditions A.
Vi = 0.5 to 4.2 V; T = 500 µs; tp = 10 µs; tr = tf ≤ 3 ns.
R1 = 56
Ω; R2 = 1 kΩ; R
B = 1 kΩ; RC = 270 Ω.
VBB = 0.2 V; VCC = 2.7 V.
Oscilloscope: input impedance Zi = 50 Ω.
Fig.2 Test circuit for switching times.
Test conditions B.
Vi = 0.5 to 4.52 V; T = 200 µs; tp = 10 µs; tr = tf ≤ 3 ns.
R1 = 100
Ω; R2 = 68 Ω; R
B = 390 Ω; RC = 47 Ω.
VBB = −3 V; VCC = 4.6 V.
Oscilloscope: input impedance Zi = 50 Ω.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com