Electronic Components Datasheet Search
  English  ▼

X  

RS3 Datasheet(PDF) 1 Page - Recom International Power

Part # RS3
Description  3 Watt SIP8 Isolated Single & Dual Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RS3 Datasheet(HTML) 1 Page - Recom International Power

  RS3_10 Datasheet HTML 1Page - Recom International Power RS3_10 Datasheet HTML 2Page - Recom International Power RS3_10 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ECONOLINE
DC/DC-Converter
RS3
www.recom-international.com
E-89
REV:0/2010
Part Number
Input
Rated Output Output Current
Efficiency
Capacitive
Voltage Range
Voltage
Full Load
typ.
Load max.
SIP8
(VDC)
(VDC)
(mA)
(%)
RS3-xx3.3S (H2/H3)
4.5-9, 9-18
3.3
600
73-75
1000µF
18-36, 36-72
77-78
RS3-xx05S
(H2/H3)
4.5-9, 9-18
5
600
76-79
1000µF
18-36, 36-72
80-81
RS3-xx09S
(H2/H3)
4.5-9, 9-18
9
333
77-80
470µF
18-36, 36-72
81-82
RS3-xx12S
(H2/H3)
4.5-9, 9-18
12
250
80-81
220µF
18-36, 36-72
83
RS3-xx15S
(H2/H3)
4.5-9, 9-18
15
200
80-81
100µF
18-36, 36-72
83
RS3-xx3.3D (H2/H3)
4.5-9, 9-18
±3.3
±300
73-75
±470µF
18-36, 36-72
75
RS3-xx05D
(H2/H3)
4.5-9, 9-18
±5
±300
76-80
±470µF
18-36, 36-72
80-81
RS3-xx09D
(H2/H3)
4.5-9, 9-18
±9
±167
77-81
±220µF
18-36, 36-72
81
RS3-xx12D
(H2/H3)
4.5-9, 9-18
±12
±125
78-83
±100µF
18-36, 36-72
83
RS3-xx15D
(H2/H3)
4.5-9, 9-18
±15
±100
79-83
±47µF
18-36, 36-72
83
RS3-xx3.3SZ (H2/H3)
9-27
3.3
600
73
1000µF
20-60
74
RS3-xx05SZ (H2/H3)
9-27
5
600
76-79
1000µF
20-60
78
RS3-xx09SZ (H2/H3)
9-27
9
333
77
470µF
20-60
79
RS3-xx12SZ (H2/H3)
9-27
12
250
80
220µF
20-60
80
RS3-xx15SZ (H2/H3)
9-27
15
200
80
100µF
20-60
80
RS3-xx3.3DZ (H2/H3)
9-27
±3.3
±300
73
±470µF
20-60
74
RS3-xx05DZ (H2/H3)
9-27
±5
±300
77
±470µF
20-60
78
RS3-xx09DZ (H2/H3)
9-27
±9
±167
79
±220µF
20-60
79
RS3-xx12DZ (H2/H3)
9-27
±12
±125
80
±100µF
20-60
80
RS3-xx15DZ (H2/H3)
9-27
±15
±100
80
±47µF
20-60
80
3 Watt
SIP8 Isolated
Single & Dual
Output
● 2:1 and 3:1 Wide Input Voltage Ranges
● 1kVDC, 2kVDC and3kVDC Isolation
● UL94V-0 Package Material
● Continuous Short Circuit Protection
● Low Ripple and Noise
● Remote On/Off Control
● Efficiency to 83 %
Features
Regulated
Converters
Selection Guide
Description
2:1 Input
3:1 Input
(RS3-S/D)
(RS3-SZ/DZ)
xx = 4.5-9Vin = 05
xx = 9-27Vin = 24
xx = 9-18Vin = 12
xx = 20-60Vin = 48
xx = 18-36Vin = 24
xx = 36-72Vin = 48
EN-60950-1 Certified
EN-60601-1 Certified
( Suffix /H2 or /H3)
Very high power density, 2:1 or 3:1 input voltage range and a wide operating temperature range -40°C~+71°C
and extra features such as On/Off control are just some of the characteristics of this converter which is ideal for
highly sophisticated industrial designs.The RS3 is available with 2kV or 3kV isolation options (1kVDC is standard)
Refer to Application Notes
RoHS
2002/95/EC
6/6


Similar Part No. - RS3_10

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
RS3-102N-D15 COPAL-RS3-102N-D15 Datasheet
887Kb / 5P
ROTARY SELECTOR SWITCHES
RS3-102N-R15 COPAL-RS3-102N-R15 Datasheet
887Kb / 5P
ROTARY SELECTOR SWITCHES
RS3-102S-D15 COPAL-RS3-102S-D15 Datasheet
887Kb / 5P
ROTARY SELECTOR SWITCHES
RS3-102S-R15 COPAL-RS3-102S-R15 Datasheet
887Kb / 5P
ROTARY SELECTOR SWITCHES
RS3-103N-D15 COPAL-RS3-103N-D15 Datasheet
887Kb / 5P
ROTARY SELECTOR SWITCHES
More results

Similar Description - RS3_10

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS-053.3 RECOM-RS-053.3 Datasheet
97Kb / 3P
2 Watt SIP8 Isolated Single & Dual Output
RSO-053.3 RECOM-RSO-053.3 Datasheet
79Kb / 3P
1 Watt SIP8 Isolated Single & Dual Output
RS-053.3S RECOM-RS-053.3S Datasheet
93Kb / 3P
2 Watt SIP8 Isolated Single & Dual Output
RS3-053.3S RECOM-RS3-053.3S Datasheet
82Kb / 3P
3 Watt SIP8 Isolated Single & Dual Output
RSO-053.3S RECOM-RSO-053.3S Datasheet
91Kb / 3P
1 Watt SIP8 Isolated Single & Dual Output
RSO RECOM-RSO_10 Datasheet
121Kb / 3P
1 Watt SIP8 Isolated Single & Dual Output
RSO-2405SZ RECOM-RSO-2405SZ Datasheet
124Kb / 3P
1 Watt SIP8 Isolated Single Dual Output
logo
List of Unclassifed Man...
RS-2405SZ ETC2-RS-2405SZ Datasheet
116Kb / 3P
2 Watt SIP8 Isolated Single Dual Output
logo
Recom International Pow...
REM2 RECOM-REM2 Datasheet
700Kb / 7P
2 Watt SIP8 Single and Dual Output
RS3K-Z RECOM-RS3K-Z Datasheet
2Mb / 4P
3 Watt SIP8 Single Output
REV.: 0/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com