Electronic Components Datasheet Search
  English  ▼

X  

RS3 Datasheet(PDF) 3 Page - Recom International Power

Part # RS3
Description  3 Watt SIP8 Isolated Single & Dual Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RS3 Datasheet(HTML) 3 Page - Recom International Power

  RS3_10 Datasheet HTML 1Page - Recom International Power RS3_10 Datasheet HTML 2Page - Recom International Power RS3_10 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.recom-international.com
E-91
REV:0/2010
12
5
36 7 8
3.20
0.32
2.0
9.20
21.80
RECOM
RS3- xxxx
****
12
5
36 7 8
0.50±0.05
4.1 typ.
0.50±0.05
11.10
RECOM
RS3-xxxxS(Z)
****
RECOM
RS3-xxxxD(Z)
****
2.54
2.54
1.0ø+0.15/–0
Top View
Bottom View
Single Output
Dual Output
3rd angle
projection
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Package Style and Pinning (mm)
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
2
+Vin
+Vin
3
CTRL
CTRL
5NC
NC
6
+Vout
+Vout
7
–Vout
Com
8
NC
–Vout
NC = No Connection
RS3-S_D(Z)
Series
ECONOLINE
DC/DC-Converter
Pin 8 (NC*)
This pin is used internally and must have no external connection.
Pin 5 (NC) Not connected internally..
Pin 3 (CTRL)
This pin provides an Off function which puts the converter into a low power mode. When the pin is ‘high’ the converter is OFF and when the pin is high ‘Z’ the converter is ON.
There is no allowed low state for this pin.
Notes
Application Examples
-Vin
-Vout
+Vout
+Vin
Ctrl
(TTL)
(see text)
10 KW
20 KW
4.7 KW
RSO/RS/RS3
TTL Remote CTRL Circuit
Voltage to be applied via a limiting resistor with a
recommended value of 1K for RS3-05xx; 3.3K for
RS3-12xx; RS3-24xx and 10K for RS3-48xx.
Control Pin Input Current:
10mA
Voltage Set Point Accuracy
with external input/output
capacitors refer to
typ. ± 1%
recommended test circuit:
max. ±2%
Control Pin (CTRL) Input
Current, control voltage
applied via 1K resistor,
output voltage must
typ. 3mA
reduce to 0V:
max. 6mA
-Vin
-Vout
+Vout
+Vin
Remote
(see text)
Optocoupler
RSO/RS/RS3
Isolated Remote CTRL Circuit



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com