Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFPRG4 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFPRG4
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5474IPFPRG4 Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS5474IPFPRG4 Datasheet HTML 25Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 26Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 27Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 28Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 29Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 30Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 31Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 32Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Operational Lifetime
ContinuousJunctionTemperature
C
°
-
1000
100
10
1
80
90
100
110
120
130
140
150
160
170
180
ADS5474
www.ti.com......................................................................................................................................................... SLAS525A – JULY 2007 – REVISED AUGUST 2008
It is important for applications that anticipate running continuously for long periods of time near the
maximum-rated ambient temperature of +85°C to consider the data shown in Figure 50. Referring to the Thermal
Characteristics table, the worst-case operating condition with no airflow has a thermal rise of 23.7°C/W. At
approximately 2.5 W of normal power dissipation, at a maximum ambient of +85°C with no airflow, the junction
temperature of the ADS5474 reaches approximately +85°C + 23.7°C/W × 2.5 W = +144°C. Being even more
conservative and accounting for the maximum possible power dissipation that is ensured (2.797 W), the junction
temperature becomes nearly +150°C. As Figure 50 shows, this performance limits the expected lifetime of the
ADS5474. Operation at +85°C continuously may require airflow or an additional heatsink in order to decrease the
internal junction temperature and increase the expected lifetime (because of electromigration failures). An airflow
of 250 LFM (linear feet per minute) reduces the thermal resistance to 16.4°C/W and, therefore, the maximum
junction temperature to +131°C, assuming a worst-case of 2.797 W and +85°C ambient.
The ADS5474 performance over temperature is quite good and can be seen starting in Figure 21. Though the
typical plots show good performance at +100°C, the device is only rated from –40°C to +85°C. For continuous
operation at temperatures near or above the maximum, the expected primary negative effect is a shorter device
lifetime because of the electromigration failures at high junction temperatures. The maximum recommended
continuous junction temperature is +150°C.
Figure 50. Operating Life Derating Chart, Electromigration Fail Mode
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com