Electronic Components Datasheet Search
  English  ▼

X  

ADS5474IPFPRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474IPFPRG4
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5474IPFPRG4 Datasheet(HTML) 4 Page - Texas Instruments

  ADS5474IPFPRG4 Datasheet HTML 1Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 2Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 3Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 4Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 5Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 6Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 7Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 8Page - Texas Instruments ADS5474IPFPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
ADS5474
SLAS525A – JULY 2007 – REVISED AUGUST 2008......................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Typical values at TA = +25°C: minimum and maximum values over full temperature range TMIN = –40°C to TMAX = +85°C,
sampling rate = 400 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, –1 dBFS differential input,
and 3-VPP differential clock, unless otherwise noted.
ADS5474
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
POWER SUPPLY
IAVDD5
5-V analog supply current
338
372
mA
IAVDD3
3.3-V analog supply current
VIN = full-scale, fIN = 70 MHz,
185
201
mA
fS = 400 MSPS
3.3-V digital supply current
IDVDD3
75
83
mA
(includes LVDS)
Total power dissipation
2.5
2.797
W
Power-up time
From turn-on of AVDD5
50
µs
From PWD pin switched from HIGH (PWD
Wake-up time
active) to LOW (ADC awake)
5
µs
(see Figure 28)
Power-down power dissipation
PWD pin = logic HIGH
50
350
mW
Power-supply rejection ratio,
PSRR
75
dB
AVDD5 supply
Power-supply rejection ratio,
Without 0.1-
µF board supply capacitors,
PSRR
90
dB
AVDD3 supply
with < 1-MHz supply noise (see Figure 49)
Power-supply rejection ratio,
PSRR
110
dB
DVDD3 supply
DYNAMIC AC CHARACTERISTICS
fIN = 30 MHz
70.3
fIN = 70 MHz
68.3
70.2
fIN = 130 MHz
70.1
fIN = 230 MHz
68
69.8
SNR
Signal-to-noise ratio
fIN = 351 MHz
69.1
dBFS
fIN = 451 MHz
68.4
fIN = 651 MHz
67.5
fIN = 751 MHz
66.6
fIN = 999 MHz
64.7
fIN = 30 MHz
88
fIN = 70 MHz
74
86
fIN = 130 MHz
80
fIN = 230 MHz
71
80
SFDR
Spurious-free dynamic range
fIN = 351 MHz
76
dBc
fIN = 451 MHz
71
fIN = 651 MHz
60
fIN = 751 MHz
55
fIN = 999 MHz
46
fIN = 30 MHz
89
fIN = 70 MHz
87
fIN = 130 MHz
90
fIN = 230 MHz
84
HD2
Second-harmonic
fIN = 351 MHz
76
dBc
fIN = 451 MHz
71
fIN = 651 MHz
74
fIN = 751 MHz
70
fIN = 999 MHz
55
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com