Electronic Components Datasheet Search
  English  ▼

X  

MP3V5010GP Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MP3V5010GP
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned,Temperature Compensated and Calibrated
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MP3V5010GP Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MP3V5010GP Datasheet HTML 1Page - Freescale Semiconductor, Inc MP3V5010GP Datasheet HTML 2Page - Freescale Semiconductor, Inc MP3V5010GP Datasheet HTML 3Page - Freescale Semiconductor, Inc MP3V5010GP Datasheet HTML 4Page - Freescale Semiconductor, Inc MP3V5010GP Datasheet HTML 5Page - Freescale Semiconductor, Inc MP3V5010GP Datasheet HTML 6Page - Freescale Semiconductor, Inc MP3V5010GP Datasheet HTML 7Page - Freescale Semiconductor, Inc MP3V5010GP Datasheet HTML 8Page - Freescale Semiconductor, Inc MP3V5010GP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP3V5010
Sensors
Freescale Semiconductor
5
Pressure
Figure 4. Output versus Pressure Differential
Differential Pressure (kPa)
3
2
1
0
10
TYPICAL
MIN
MAX
0
Transfer Function:
Vout = VS *(0.09 * P+0.08) ± ERROR
VS = 3.0 Vdc
TEMP = 0 to 85°C
Nominal Transfer Value: Vout = VS x (0.09 x P + 0.08)
± (Pressure Error x Temp. Factor x 0.09 x VS)
VS = 3.0 V ± 0.30 Vdc
Transfer Function
MP3V5010 SERIES
Temp
Multiplier
–40
3
0 to 85
1
+125
3
Temperature in °C
4.0
3.0
2.0
0.0
1.0
–40
–20
0
20
40
60
140
120
100
80
Temperature
Error
Factor
NOTE: The Temperature Multiplier is a linear response from 0° to –40°C and from 85° to 125°C.
Temperature Error Band



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com