Electronic Components Datasheet Search
  English  ▼

X  

MP3V5010GP Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MP3V5010GP
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned,Temperature Compensated and Calibrated
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MP3V5010GP Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MP3V5010GP Datasheet HTML 1Page - Freescale Semiconductor, Inc MP3V5010GP Datasheet HTML 2Page - Freescale Semiconductor, Inc MP3V5010GP Datasheet HTML 3Page - Freescale Semiconductor, Inc MP3V5010GP Datasheet HTML 4Page - Freescale Semiconductor, Inc MP3V5010GP Datasheet HTML 5Page - Freescale Semiconductor, Inc MP3V5010GP Datasheet HTML 6Page - Freescale Semiconductor, Inc MP3V5010GP Datasheet HTML 7Page - Freescale Semiconductor, Inc MP3V5010GP Datasheet HTML 8Page - Freescale Semiconductor, Inc MP3V5010GP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP3V5010
Rev 0, 4/2009
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2009. All rights reserved.
Pressure
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated and
Calibrated
The MP3V5010 series piezoresistive transducers are state-of-the-art
monolithic silicon pressure sensors designed for a wide range of applications,
but particularly those employing a microcontroller or microprocessor with A/D
inputs. This transducer combines advanced micromachining techniques,
thin-film metallization, and bipolar processing to provide an accurate, high
level analog output signal that is proportional to the applied pressure.
Features
• 5.0% Maximum Error Over 0
° to 85°C
• Ideally Suited for Microprocessor or Microcontroller-Based Systems
• Temperature Compensated Over –40
° to +125°C
• Thermoplastic (PPS) Surface Mount Package
• Patented Silicon Shear Stress Strain Gauge
• Available in Differential and Gauge Configurations
ORDERING INFORMATION
Device Name
Package
Options
Case
No.
# of Ports
Pressure Type
Device Marking
None
Single
Dual
Gauge
Differential
Absolute
Small Outline Package (MP3V5010 Series)
MP3V5010GC6U
Rails
482A
•
•
MP3V5010G
MP3V5010GC6T1
Tape & Reel
482A
•
•
MP3V5010G
MP3V5010GP
Trays
1369
•
•
MP3V5010GP
MP3V5010DP
Trays
1351
•
•
MP3V5010DP
MP3V5010GVP
Trays
1368
•
•
MP3V5010GVP
MP3V5010
Series
0 to 10 kPa (0 to 1.45 psi)
0.1 to 3.1 V Output
SMALL OUTLINE PACKAGE
MP3V5010GC6U/C6T1
CASE 482A-01
MP3V5010GP
CASE 1369-01
MP3V5010DP
CASE 1351-01
MP3V5010GVP
CASE 1368-01
Application Examples
•
Hospital Beds
•HVAC
•
Respiratory Systems
•
Process Control


Similar Part No. - MP3V5010GP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MP3V5004DP FREESCALE-MP3V5004DP Datasheet
279Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5004DP FREESCALE-MP3V5004DP Datasheet
332Kb / 14P
Integrated Silicon Pressure Sensor, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5004G FREESCALE-MP3V5004G Datasheet
279Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5004G FREESCALE-MP3V5004G Datasheet
332Kb / 14P
Integrated Silicon Pressure Sensor, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5004GC6T1 FREESCALE-MP3V5004GC6T1 Datasheet
279Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
More results

Similar Description - MP3V5010GP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
logo
NXP Semiconductors
MP3V7007 NXP-MP3V7007 Datasheet
156Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 0, 11/2008
MPX4250 NXP-MPX4250 Datasheet
173Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 7, 1/2009
MPXV7007 NXP-MPXV7007 Datasheet
949Kb / 19P
Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 4-26 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com