Electronic Components Datasheet Search
  English  ▼

X  

SN65EPT21 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65EPT21
Description  3.3-V Differential PECL/LVDS to TTL Translator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65EPT21 Datasheet(HTML) 4 Page - Texas Instruments

  SN65EPT21 Datasheet HTML 1Page - Texas Instruments SN65EPT21 Datasheet HTML 2Page - Texas Instruments SN65EPT21 Datasheet HTML 3Page - Texas Instruments SN65EPT21 Datasheet HTML 4Page - Texas Instruments SN65EPT21 Datasheet HTML 5Page - Texas Instruments SN65EPT21 Datasheet HTML 6Page - Texas Instruments SN65EPT21 Datasheet HTML 7Page - Texas Instruments SN65EPT21 Datasheet HTML 8Page - Texas Instruments SN65EPT21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
0
50
100 150 200 250 300 350 400 450 500
f-Frequency-MHz
V
@-40°C
OH
V
@25°C
OH
V
@85°C
OH
V
@-40°C
OL
V
@25°C
OL
V
@85°C
OL
0
1
2
3
4
5
V
=3V
CC
V
@-40°C
OH
V
@25°C
OH
V
@85°C
OH
V
@-40°C
OL
V
@25°C
OL
V
@85°C
OL
0
1
2
3
4
5
0
50
100 150 200 250 300 350 400 450 500
f-Frequency-MHz
V
=3.3V
CC
SN65EPT21
SLLS970 – NOVEMBER 2009
www.ti.com
Figure 1. Maximum Switching Frequency VCC= 3.0 V
Figure 2. Maximum Switching Frequency VCC= 3.3 V
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN65EPT21



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com