Electronic Components Datasheet Search
  English  ▼

X  

SN65EPT21 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65EPT21
Description  3.3-V Differential PECL/LVDS to TTL Translator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65EPT21 Datasheet(HTML) 1 Page - Texas Instruments

  SN65EPT21 Datasheet HTML 1Page - Texas Instruments SN65EPT21 Datasheet HTML 2Page - Texas Instruments SN65EPT21 Datasheet HTML 3Page - Texas Instruments SN65EPT21 Datasheet HTML 4Page - Texas Instruments SN65EPT21 Datasheet HTML 5Page - Texas Instruments SN65EPT21 Datasheet HTML 6Page - Texas Instruments SN65EPT21 Datasheet HTML 7Page - Texas Instruments SN65EPT21 Datasheet HTML 8Page - Texas Instruments SN65EPT21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
8
2
7
3
6
4
5
NC
Q
NC
V
CC
D
D
GND
V
BB
LVPECL
LVTTL
+
+
+
SN65EPT21
www.ti.com
SLLS970 – NOVEMBER 2009
3.3-V Differential PECL/LVDS to TTL Translator
Check for Samples: SN65EPT21
1
FEATURES
PIN ASSIGNMENT(Add pullup on BOTH
•
1 ns Propagation Delay
inputs)
•
Fmax > 300MHz
•
Operating Range: VCC = 3.0 V to 3.6 V with
D or DGK PACKAGE
(TOP VIEW)
GND = 0 V
•
24-mA TTL Output
•
Built-In Temperature Compensation
•
Drop-In Compatible to the MC10EPT21,
MC100EPT21
APPLICATIONS
•
Data and Clock Transmission Over Backplane
•
Signaling Level Conversion for Clock or Data
DESCRIPTION
The
SN65EPT21
is
a
differential
PECL-to-TTL
translator. It operates on +3.3 V supply and ground
only. The device includes circuitry to maintain inputs
Table 1. Pin Descriptions
at Vcc/2 when left open.
PIN
FUNCTION
The VBB pin is a reference voltage output for the
Q
LVTTL/LVCMOS Output
device. When the device is used in single-ended
D, D
Differential LVPECL/LVDS/CML Input
mode, the unused input should be tied to VBB. This
VCC
Positive Supply
reference voltage can also be used to bias the input
VBB
Output Reference Voltage
when it is ac coupled. When it is used, place a
0.01
μF decoupling capacitor between VCC and VBB.
GND
Ground
Also limit the sink/source current to < 0.5 mA to VBB.
NC
No Connect
Leave VBB open when it is not used.
EP
(DFN8 only) Thermal exposed pad must be
connected to a sufficient thermal conduit.
The SN65EPT21 is housed in an industry standard
Electrically connect to the most negative supply
SOIC-8 package and is also available in an optional
(GND) or leave unconnected, floating open.
TSSOP-8 package.
ORDERING INFORMATION(1)
PART NUMBER
PART MARKING
PACKAGE
LEAD FINISH
SN65EPT21D/DR
EPT21
SOIC
NiPdAu
SN65EPT21DGK/DGKR
SSSI
MSOP
NiPdAu
(1)
Leaded device options are not initially available; contact a sales representative for further details.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65EPT21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65EPT21 TI-SN65EPT21 Datasheet
391Kb / 12P
3.3-V Differential PECL/LVDS to TTL Translator
SN65EPT21 TI2-SN65EPT21 Datasheet
543Kb / 18P
3.3-V Differential PECL/LVDS to TTL Translator
NOVEMBER 2009
SN65EPT21 TI2-SN65EPT21 Datasheet
544Kb / 18P
3.3-V Differential PECL/LVDS to TTL Translator
NOVEMBER 2009
SN65EPT21D TI-SN65EPT21D Datasheet
391Kb / 12P
3.3-V Differential PECL/LVDS to TTL Translator
SN65EPT21D TI2-SN65EPT21D Datasheet
543Kb / 18P
3.3-V Differential PECL/LVDS to TTL Translator
NOVEMBER 2009
More results

Similar Description - SN65EPT21

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21 Datasheet
81Kb / 3P
Differential PECL to TTL Translator
1996 REV 3
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Micrel Semiconductor
SY10ELT21 MICREL-SY10ELT21 Datasheet
51Kb / 4P
DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_06 Datasheet
138Kb / 8P
5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20 Datasheet
417Kb / 11P
5-V TTL-to-Differential PECL Translator
SN65EPT21 TI-SN65EPT21_10 Datasheet
391Kb / 12P
3.3-V Differential PECL/LVDS to TTL Translator
SN65ELT20 TI-SN65ELT20_1 Datasheet
432Kb / 12P
5-V TTL-to-Differential PECL Translator
logo
Micrel Semiconductor
SY10ELT21 MICREL-SY10ELT21_07 Datasheet
85Kb / 5P
DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_15 Datasheet
86Kb / 7P
5 V Differential PECL to TTL Translator
August, 2015 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com