Electronic Components Datasheet Search
  English  ▼

X  

ROV07 Datasheet(PDF) 9 Page - Tyco Electronics

Part # ROV07
Description  7mm Series Metal Oxide Varistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV07 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button ROV07 Datasheet HTML 2Page - Tyco Electronics ROV07 Datasheet HTML 3Page - Tyco Electronics ROV07 Datasheet HTML 4Page - Tyco Electronics ROV07 Datasheet HTML 5Page - Tyco Electronics ROV07 Datasheet HTML 6Page - Tyco Electronics ROV07 Datasheet HTML 7Page - Tyco Electronics ROV07 Datasheet HTML 8Page - Tyco Electronics ROV07 Datasheet HTML 9Page - Tyco Electronics ROV07 Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ROV07, ROV07H
7mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.tycopowercomponents.com
Document: SCD 25481
Status: Released
Rev. A June 30, 2003
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
9 of 10
TAPE AND REEL DIMENSIONS
Symbols
Item
Value
l
Cut out length
1.1mm max.
H1 (Kinked lead)
Height of kink
3.5mm max.
Ho (Kinked lead)
Height to seating plane
16.0 ± 0.5mm
Ho (Straight lead)
Height of component from hole center
16.0-21.0mm
∆h
Front to back deviation
0.0 ± 2.0mm
W
Carrier tape width
W0
Hold down tape width
10.0mm
W1
Sprocket hole position
W2
Adhesive tape position
3.0mm max.
F
Component lead spacing
P
Pitch of component
12.7 ± 1.0mm
P0
Sprocket hole pitch
12.7 ± 0.3mm
P1
Lead length from hole center to lead
3.85 ± 0.7mm
P2
Length from hole center to disk center
6.35 ± 1.3mm
D0
Sprocket hole diameter
4.0 ± 0.2mm
d
Lead wire diameter
0.6 ± 0.05mm
T
Disk thickness
See C. max table
t1
Total thickness tape
0.7 ± 0.05mm
t2
Total thickness
1.6mm max.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com