Electronic Components Datasheet Search
  English  ▼

X  

ROV07 Datasheet(PDF) 5 Page - Tyco Electronics

Part # ROV07
Description  7mm Series Metal Oxide Varistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV07 Datasheet(HTML) 5 Page - Tyco Electronics

  ROV07 Datasheet HTML 1Page - Tyco Electronics ROV07 Datasheet HTML 2Page - Tyco Electronics ROV07 Datasheet HTML 3Page - Tyco Electronics ROV07 Datasheet HTML 4Page - Tyco Electronics ROV07 Datasheet HTML 5Page - Tyco Electronics ROV07 Datasheet HTML 6Page - Tyco Electronics ROV07 Datasheet HTML 7Page - Tyco Electronics ROV07 Datasheet HTML 8Page - Tyco Electronics ROV07 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ROV07, ROV07H
7mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.tycopowercomponents.com
Document: SCD 25481
Status: Released
Rev. A June 30, 2003
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
5 of 10
DEVICE RATINGS AND CHARACTERISTICS
HIGH SURGE SERIES
Varistor Voltage
V@1.0mA
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
V@10A
Maximum
Surge Current
(8x20us)
Rated
Wattage
Energy
(10x1000us)
Capacitance
(Typical)
Certifications
Part Number
(VDC)
Tolerance
Vrms
(VAC)
(VDC)
(VDC)
1
Time
(A)
2
Times
(A)
(W)
(J)
@1kHz
(pF)
ROV07H180M
18
± 20%
11
14
36
1)
1.5
2920
●
ROV07H220L
22
± 15%
14
18
43
1)
1.7
2930
●
ROV07H270K
27
17
22
53
1)
2.1
2340
●
ROV07H330K
33
20
26
65
1)
2.8
1840
●
ROV07H390K
39
25
31
77
1)
3.0
1820
●
ROV07H470K
47
30
38
93
1)
3.8
1600
●
ROV07H560K
56
35
45
110
1)
4.4
1330
●
ROV07H680K
68
40
56
135
1)
500
250
0.02
5.4
1120
●
ROV07H820K
82
50
65
135
7.0
640
●
ROV07H101K
100
60
85
165
9.0
540
●
ROV07H121K
120
75
100
200
11.0
460
●
ROV07H151K
150
95
125
250
13.0
370
●
ROV07H181K
180
115
150
300
16.0
220
●
ROV07H201K
200
130
170
340
17.5
220
♦ ● ▲
ROV07H221K
220
140
180
360
19.0
190
♦ ● ▲
ROV07H241K
240
150
200
395
21.0
190
♦ ● ▲
ROV07H271K
270
175
225
455
24.0
160
♦ ● ▲
ROV07H301K
300
195
250
505
26.0
140
♦ ● ▲
ROV07H331K
330
210
275
550
28.0
140
♦ ● ▲
ROV07H361K
360
230
300
595
32.0
120
♦ ● ▲
ROV07H391K
390
250
320
650
35.0
110
♦ ● ▲
ROV07H431K
430
275
350
710
40.0
110
♦ ● ▲
ROV07H471K
470
300
385
775
42.0
100
♦ ● ▲
ROV07H511K
510
320
418
842
45.0
100
♦ ● ▲
ROV07H561K
560
350
460
920
51.0
85
♦ ● ▲
ROV07H621K
620
385
505
1025
54.0
80
♦ ● ▲
ROV07H681K
680
420
560
1120
56.0
80
♦ ● ▲
ROV07H751K
750
460
615
1240
58.0
75
♦ ● ▲
ROV07H781K
780
485
640
1290
59.0
70
♦ ● ▲
ROV07H821K
820
± 10%
510
670
1355
1750
1250
0.25
60.0
70
♦ ● ▲
1).
The clamping voltage for devices ROV07H180M to ROV07H680K is tested with 2.5A current.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com