Electronic Components Datasheet Search
  English  ▼

X  

TVB170SC Datasheet(PDF) 3 Page - Tyco Electronics

Part # TVB170SC
Description  SiBar Thyristor Surge Protectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TVB170SC Datasheet(HTML) 3 Page - Tyco Electronics

  TVB170SC Datasheet HTML 1Page - Tyco Electronics TVB170SC Datasheet HTML 2Page - Tyco Electronics TVB170SC Datasheet HTML 3Page - Tyco Electronics TVB170SC Datasheet HTML 4Page - Tyco Electronics TVB170SC Datasheet HTML 5Page - Tyco Electronics TVB170SC Datasheet HTML 6Page - Tyco Electronics TVB170SC Datasheet HTML 7Page - Tyco Electronics TVB170SC Datasheet HTML 8Page - Tyco Electronics TVB170SC Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SiBar Thyristor
4
Raychem Circuit Protection
SiBar Thyristor Surge Protectors
341
Step 4. Verify that the maximum fault current of the system and
its duration or the fault current defined in the industry
specification(s) are less than the surge current rating of
the device selected. For help in determining which indus-
try specifications may apply, refer to the Protection
Application Guide on the next page.
Refer to Table V2 for SiBar thyristor surge current ratings applicable to
TIA 968-A (FCC Part 68), Telcordia GR-1089, ITU K.20, K.21, K.45
industry specifications.
Step 5. Verify that the maximum system operating current is less
than the minimum hold current rating (I
H) in Table V1 for
the device selected.
Using Figure V4, verify that I
H is greater than the maximum system
operating current over the entire ambient operating temperature range.
(As with I
H, VDM and VBO also vary with ambient temperature, to a lesser
degree. Figures V2 and V3 can be used to determine that the device
selected continues to meet your requirements over the ambient operat-
ing temperature range.)
Step 6. Verify that the dimensions in Table V4 for the SiBar
thyristor device are compatible witht the application’s
space requirements.
Selection Guide for SiBar Thyristor Surge Protectors continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com