Electronic Components Datasheet Search
  English  ▼

X  

TVB170SC Datasheet(PDF) 5 Page - Tyco Electronics

Part # TVB170SC
Description  SiBar Thyristor Surge Protectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TVB170SC Datasheet(HTML) 5 Page - Tyco Electronics

  TVB170SC Datasheet HTML 1Page - Tyco Electronics TVB170SC Datasheet HTML 2Page - Tyco Electronics TVB170SC Datasheet HTML 3Page - Tyco Electronics TVB170SC Datasheet HTML 4Page - Tyco Electronics TVB170SC Datasheet HTML 5Page - Tyco Electronics TVB170SC Datasheet HTML 6Page - Tyco Electronics TVB170SC Datasheet HTML 7Page - Tyco Electronics TVB170SC Datasheet HTML 8Page - Tyco Electronics TVB170SC Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SiBar Thyristor
4
Raychem Circuit Protection
SiBar Thyristor Surge Protectors
343
Table V1. Product Electrical Characteristics for SiBar Thyristor Surge Protectors (-L: Lead-free leaded devices)
Part Number
V
DM Max. (V)
V
BO Max. (V)
I
H Min. (mA)
V
T Max. (V)
C
1 Typ. (pF)
TVA270SA
270
365
150
3.0
22
TVA270SA-L
270
365
150
3.0
22
TVB058SA-L
58
78
150
4.0
43
TVB170SA
170
265
150
4.0
20
TVB170SA-L
170
265
150
4.0
20
TVB200SA
200
320
150
4.0
20
TVB200SA-L
200
320
150
4.0
20
TVB270SA
270
365
150
4.0
20
TVB270SA-L
270
365
150
4.0
20
TVB300SA-L
300
400
150
4.0
20
TVB200SB-L
200
320
150
4.0
25
TVB270SB-L
270
365
150
4.0
25
TVB300SB-L
300
400
150
4.0
25
TVB170SC
170
265
150
4.0
50
TVB170SC-L
170
265
150
4.0
50
TVB200SC
200
320
150
4.0
50
TVB200SC-L
200
320
150
4.0
50
TVB270SC
270
365
150
4.0
50
TVB270SC-L
270
365
150
4.0
50
TVB300SC-L
300
400
150
4.0
50
Notes: All electrical characteristics are measured at 25°C.
V
DM measured per UL497B pulse requirements: at max. off-state leakage current (IDM) = 5
µA.
V
BO Measured at 100V/
µs.
C
1 measured at 1 MHz with a 50 VDC bias.
Table V2. Surge Current Rating for SiBar Thyristor Surge Protectors (-L: Lead-free leaded devices)
IEC 61000-4-5*ITU K.20/21/45* I TSM
Part
I
pp(A)
I
pp(A)
I
pp(A)
I
pp(A)
I
pp(A)
I
pp(A)
I
pp(A)
Min.
di/dt
dV/dt
Description
5 x 320 µs
10 x 560 µs 10 x 160 µs 10 x 1000 µs
2 x 10 µs
8 x 20 µs
5 x 310 µs
(A)
(A/µs)
(V/µs)
TVA270SA
90
70
100
50
150
150
90
22
500
2000
TVA270SA-L
90
70
100
50
150
150
90
22
500
2000
TVB058SA-L
55
55
70
50
150
150
55
22
500
2000
TVB170SA
90
70
100
50
150
150
90
22
500
2000
TVB170SA-L
90
70
100
50
150
150
90
22
500
2000
TVB200SA
90
70
100
50
150
150
90
22
500
2000
TVB200SA-L
90
70
100
50
150
150
90
22
500
2000
TVB270SA
90
70
100
50
150
150
90
22
500
2000
TVB270SA-L
90
70
100
50
150
150
90
22
500
2000
TVB300SA-L
90
70
100
50
150
150
90
22
500
2000
TVB200SB-L
100
100
150
80
250
250
100
30
500
2000
TVB270SB-L
100
100
150
80
250
250
100
30
500
2000
TVB300SB-L
100
100
150
80
250
250
100
30
500
2000
TVB170SC
100
150
200
100
500
400
150
60
500
2000
TVB170SC-L
100
150
200
100
500
400
150
60
500
2000
TVB200SC
100
150
200
100
500
400
150
60
500
2000
TVB200SC-L
100
150
200
100
500
400
150
60
500
2000
TVB270SC
100
150
200
100
500
400
150
60
500
2000
TVB270SC-L
100
150
200
100
500
400
150
60
500
2000
TVB300SC-L
100
150
200
100
500
400
150
60
500
2000
Notes: *Lightning current wave forms for applicable industry specification.
I
TSM, peak on-state surge current is measured at 60 Hz, one cycle.
di/dt: critical rate-of-rise of on-state current (pulsed power amplifier Vmax=600V; C=30 µF).
dV/dt: critical rate-of-rise of off-stage voltage (linear wave form, V
D = rated VBO, Tj = 25°C).
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
TIA-968-A (FCC Part 68)*
Telcordia GR-1089*
343_04RaychemTycoX
9/15/04
8:12 AM
Page 343



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com