Electronic Components Datasheet Search
  English  ▼

X  

PMST2222A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMST2222A
Description  NPN switching transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMST2222A Datasheet(HTML) 3 Page - NXP Semiconductors

  PMST2222A Datasheet HTML 1Page - NXP Semiconductors PMST2222A Datasheet HTML 2Page - NXP Semiconductors PMST2222A Datasheet HTML 3Page - NXP Semiconductors PMST2222A Datasheet HTML 4Page - NXP Semiconductors PMST2222A Datasheet HTML 5Page - NXP Semiconductors PMST2222A Datasheet HTML 6Page - NXP Semiconductors PMST2222A Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1999 Apr 22
3
NXP Semiconductors
Product data sheet
NPN switching transistors
PMST2222; PMST2222A
THERMAL CHARACTERISTICS
Note
1.
Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
625
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = 50 V
−
10
nA
PMST2222
IE = 0; VCB = 50 V; Tj = 125 °C
−
10
µA
collector cut-off current
IE = 0; VCB = 60 V
−
10
nA
PMST2222A
IE = 0; VCB = 60 V; Tj = 125 °C
−
10
µA
IEBO
collector cut-off current
IC = 0; VEB = 3 V
−
10
nA
hFE
DC current gain
IC = 0.1 mA; VCE = 10 V
35
−
IC = 1 mA; VCE = 10 V
50
−
IC = 10 mA; VCE = 10 V
75
−
IC = 10 mA; VCE = 10 V; Tamb = −55 °C 35
−
IC = 150 mA; VCE = 1 V; note 1
50
−
IC = 150 mA; VCE = 10 V; note 1
100
300
DC current gain
IC = 500 mA; VCE = 10 V; note 1
PMST2222
30
−
PMST2222A
40
−
VCEsat
collector-emitter saturation voltage
IC = 150 mA; IB = 15 mA; note 1
−
400
mV
PMST2222
IC = 500 mA; IB = 50 mA; note 1
−
1.6
V
collector-emitter saturation voltage
IC = 150 mA; IB = 15 mA; note 1
−
300
mV
PMST2222A
IC = 500 mA; IB = 50 mA; note 1
−
1
V
VBEsat
base-emitter saturation voltage
IC = 150 mA; IB = 15 mA; note 1
−
1.3
V
PMST2222
IC = 500 mA; IB = 50 mA; note 1
−
2.6
V
base-emitter saturation voltage
IC = 150 mA; IB = 15 mA; note 1
0.6
1.2
V
PMST2222A
IC = 500 mA; IB = 50 mA; note 1
−
2
V
Cc
collector capacitance
IE = ie = 0; VCB = 10 V; f = 1 MHz
−
8
pF
Ce
emitter capacitance
IC = ic = 0; VEB = 0.5 V; f = 1 MHz
PMST2222
−
30
pF
PMST2222A
−
25
pF
fT
transition frequency
IC = 20 mA; VCE = 20 V; f = 100 MHz
PMST2222
250
−
MHz
PMST2222A
300
−
MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com