Electronic Components Datasheet Search
  English  ▼

X  

PMST2222A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMST2222A
Description  NPN switching transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMST2222A Datasheet(HTML) 4 Page - NXP Semiconductors

  PMST2222A Datasheet HTML 1Page - NXP Semiconductors PMST2222A Datasheet HTML 2Page - NXP Semiconductors PMST2222A Datasheet HTML 3Page - NXP Semiconductors PMST2222A Datasheet HTML 4Page - NXP Semiconductors PMST2222A Datasheet HTML 5Page - NXP Semiconductors PMST2222A Datasheet HTML 6Page - NXP Semiconductors PMST2222A Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1999 Apr 22
4
NXP Semiconductors
Product data sheet
NPN switching transistors
PMST2222; PMST2222A
Note
1.
Pulse test: tp ≤ 300 µs; δ ≤ 0.02.
F
noise figure
IC = 200 µA; VCE = 5 V; RS = 2 kΩ;
f = 1 kHz; B = 200 Hz
−
4
dB
Switching times (between 10% and 90% levels); (see Fig.2)
ton
turn-on time
ICon = 150 mA; IBon = 15 mA;
IBoff = −15 mA
−
35
ns
td
delay time
−
15
ns
tr
rise time
−
20
ns
toff
turn-off time
−
250
ns
ts
storage time
−
200
ns
tf
fall time
−
60
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Fig.2 Test circuit for switching times.
Vi = 9.5 V; T = 500 µs; tp = 10 µs; tr = tf ≤ 3 ns.
R1 = 68
Ω; R2 = 325 Ω; R
B = 325 Ω; RC = 160 Ω.
VBB = −3.5 V; VCC = 29.5 V.
Oscilloscope input impedance Zi = 50 Ω.
handbook, full pagewidth
RC
R2
R1
DUT
MLB826
Vo
RB
(probe)
450
Ω
(probe)
450
Ω
oscilloscope
oscilloscope
VBB
Vi
VCC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com