Electronic Components Datasheet Search
  English  ▼

X  

PMST3906 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMST3906
Description  40 V, 200 mA PNP switching transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMST3906 Datasheet(HTML) 5 Page - NXP Semiconductors

  PMST3906 Datasheet HTML 1Page - NXP Semiconductors PMST3906 Datasheet HTML 2Page - NXP Semiconductors PMST3906 Datasheet HTML 3Page - NXP Semiconductors PMST3906 Datasheet HTML 4Page - NXP Semiconductors PMST3906 Datasheet HTML 5Page - NXP Semiconductors PMST3906 Datasheet HTML 6Page - NXP Semiconductors PMST3906 Datasheet HTML 7Page - NXP Semiconductors PMST3906 Datasheet HTML 8Page - NXP Semiconductors PMST3906 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PMST3906_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 29 April 2009
5 of 10
NXP Semiconductors
PMST3906
40 V, 200 mA PNP switching transistor
8.
Test information
IC/IB =10
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Fig 5.
Collector-emitter saturation voltage as a function of collector current;
typical values
−103
−102
−10
mhc463
−10−1
−1
−10
IC (mA)
VCEsat
(mV)
−102
−103
(1)
(2)
(3)
VI = 5 V; t = 500 µs; tp =10 µs; tr =tf ≤ 3ns
R1 = 56
Ω; R2 = 2.5 kΩ; R
B = 3.9 kΩ; RC = 270 Ω
VBB = 1.9 V; VCC = −3V
Oscilloscope: input impedance ZI =50 Ω
Fig 6.
Test circuit for switching times
RC
R2
R1
DUT
mgd624
Vo
RB
(probe)
450
Ω
(probe)
450
Ω
oscilloscope
oscilloscope
VBB
VI
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com