Electronic Components Datasheet Search
  English  ▼

X  

PMST3906 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMST3906
Description  40 V, 200 mA PNP switching transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMST3906 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMST3906 Datasheet HTML 2Page - NXP Semiconductors PMST3906 Datasheet HTML 3Page - NXP Semiconductors PMST3906 Datasheet HTML 4Page - NXP Semiconductors PMST3906 Datasheet HTML 5Page - NXP Semiconductors PMST3906 Datasheet HTML 6Page - NXP Semiconductors PMST3906 Datasheet HTML 7Page - NXP Semiconductors PMST3906 Datasheet HTML 8Page - NXP Semiconductors PMST3906 Datasheet HTML 9Page - NXP Semiconductors PMST3906 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PMST3906_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 29 April 2009
8 of 10
NXP Semiconductors
PMST3906
40 V, 200 mA PNP switching transistor
12. Revision history
Table 9.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PMST3906_5
20090429
Product data sheet
-
PMST3906_4
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Figure 2: updated
• Figure 5: figure notes order amended
• Section 10 “Packing information” added
• Section 11 “Soldering”: added
• Section 13 “Legal information”: updated
PMST3906_4
20040121
Product specification
-
PMST3906_3
PMST3906_3
19990422
Product specification
-
PMST3906_CNV_2
PMST3906_CNV_2
19970527
Product specification
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com