Electronic Components Datasheet Search
  English  ▼

X  

AD7606BSTZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD7606BSTZ
Description  8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7606BSTZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7606BSTZ Datasheet HTML 12Page - Analog Devices AD7606BSTZ Datasheet HTML 13Page - Analog Devices AD7606BSTZ Datasheet HTML 14Page - Analog Devices AD7606BSTZ Datasheet HTML 15Page - Analog Devices AD7606BSTZ Datasheet HTML 16Page - Analog Devices AD7606BSTZ Datasheet HTML 17Page - Analog Devices AD7606BSTZ Datasheet HTML 18Page - Analog Devices AD7606BSTZ Datasheet HTML 19Page - Analog Devices AD7606BSTZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
AD7606/AD7606-6/AD7606-4
Rev. 0 | Page 16 of 36
Pin No.
Type1
Mnemonic
Description
AD7606
AD7606-6
AD7606-4
43, 46
REF
REFGND
REFGND
REFGND
Reference Ground Pins. These pins should be connected to AGND.
44, 45
REF
REFCAPA,
REFCAPB
REFCAPA,
REFCAPB
REFCAPA,
REFCAPB
Reference Buffer Output Force/Sense Pins. These pins must be connected
together and decoupled to AGND using a low ESR, 10 μF ceramic capacitor.
The voltage on these pins is typically 4.5 V.
49
AI
V1
V1
V1
Analog Input. This pin is a single-ended analog input. The analog input
range of this channel is determined by the RANGE pin.
50, 52
AI GND
V1GND,
V2GND
V1GND,
V2GND
V1GND,
V2GND
Analog Input Ground Pins. These pins correspond to Analog Input Pin V1
and Analog Input Pin V2. All analog input AGND pins should connect to
the AGND plane of a system.
51
AI
V2
V2
V2
Analog Input. This pin is a single-ended analog input. The analog input
range of this channel is determined by the RANGE pin
53
AI/GND
V3
V3
AGND
Analog Input 3. For the AD7606-4, this is an AGND pin.
54
AI GND/
GND
V3GND
V3GND
AGND
Analog Input Ground Pin. For the AD7606-4, this is an AGND pin.
55
AI/GND
V4
AGND
AGND
Analog Input 4. For the AD7606-6 and the AD7606-4, this is an AGND pin.
56
AI GND/
GND
V4GND
AGND
AGND
Analog Input Ground Pin. For the AD7606-6 and AD7606-4, this is an
AGND pin.
57
AI
V5
V4
V3
Analog Inputs. These pins are single-ended analog inputs. The analog
input range of these channels is determined by the RANGE pin.
58
AI GND
V5GND
V4GND
V3GND
Analog Input Ground Pins. All analog input AGND pins should connect to
the AGND plane of a system.
59
AI
V6
V5
V4
Analog Inputs. These pins are single-ended analog inputs.
60
AI GND
V6GND
V5GND
V4GND
Analog Input Ground Pins. All analog input AGND pins should connect to
the AGND plane of a system.
61
AI/GND
V7
V6
AGND
Analog Input Pins. For the AD7606-4, this is an AGND pin.
62
AI GND/
GND
V7GND
V6GND
AGND
Analog Input Ground Pins. For the AD7606-4, this is an AGND pin.
63
AI/GND
V8
AGND
AGND
Analog Input Pin. For the AD7606-4 and AD7606-6, this is an AGND pin.
64
AI GND/
GND
V8GND
AGND
AGND
Analog Input Ground Pin. For the AD7606-4 and AD7606-6, this is an
AGND pin.
1 P is power supply, DI is digital input, DO is digital output, REF is reference input/output, AI is analog input, GND is ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com