Electronic Components Datasheet Search
  English  ▼

X  

AD7606BSTZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD7606BSTZ
Description  8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7606BSTZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7606BSTZ Datasheet HTML 18Page - Analog Devices AD7606BSTZ Datasheet HTML 19Page - Analog Devices AD7606BSTZ Datasheet HTML 20Page - Analog Devices AD7606BSTZ Datasheet HTML 21Page - Analog Devices AD7606BSTZ Datasheet HTML 22Page - Analog Devices AD7606BSTZ Datasheet HTML 23Page - Analog Devices AD7606BSTZ Datasheet HTML 24Page - Analog Devices AD7606BSTZ Datasheet HTML 25Page - Analog Devices AD7606BSTZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
AD7606/AD7606-6/AD7606-4
Rev. 0 | Page 22 of 36
THEORY OF OPERATION
CONVERTER DETAILS
The AD7606/AD7606-6/AD7606-4 are data acquisition systems
that employ a high speed, low power, charge redistribution,
successive approximation analog-to-digital converter (ADC)
and allow the simultaneous sampling of eight/six/four analog input
channels. The analog inputs on the AD7606/AD7606-6/AD7606-4
can accept true bipolar input signals. The RANGE pin is used to
select either ±10 V or ±5 V as the input range. The AD7606/
AD7606-6/AD7606-4 operate from a single 5 V supply.
The AD7606/AD7606-6/AD7606-4 contain input clamp
protection, input signal scaling amplifiers, a second-order anti-
aliasing filter, track-and-hold amplifiers, an on-chip reference,
reference buffers, a high speed ADC, a digital filter, and high
speed parallel and serial interfaces. Sampling on the AD7606/
AD7606-6/AD7606-4 is controlled using the CONVST signals.
ANALOG INPUT
Analog Input Ranges
The AD7606/AD7606-6/AD7606-4 can handle true bipolar,
single-ended input voltages. The logic level on the RANGE pin
determines the analog input range of all analog input channels.
If this pin is tied to a logic high, the analog input range is ±10 V
for all channels. If this pin is tied to a logic low, the analog input
range is ±5 V for all channels. A logic change on this pin has an
immediate effect on the analog input range; however, there is
typically a settling time of approximately 80 μs, in addition to
the normal acquisition time requirement. The recommended
practice is to hardwire the RANGE pin according to the desired
input range for the system signals.
Analog Input Impedance
The analog input impedance of the AD7606/AD7606-6/
AD7606-4 is 1 MΩ. This is a fixed input impedance that does
not vary with the AD7606 sampling frequency. This high analog
input impedance eliminates the need for a driver amplifier in
front of the AD7606/AD7606-6/AD7606-4, allowing for direct
connection to the source or sensor. With the need for a driver
amplifier eliminated, bipolar supplies (which are often a source
of noise in a system) can be removed from the signal chain.
Analog Input Clamp Protection
Figure 34 shows the analog input structure of the AD7606/
AD7606-6/AD7606-4. Each analog input of the AD7606/
AD7606-6/AD7606-4 contains clamp protection circuitry.
Despite single 5 V supply operation, this analog input clamp
protection allows for an input over voltage of up to ±16.5 V.
1M
Ω
CLAMP
Vx
1M
Ω
CLAMP
VxGND
SECOND-
ORDER
LPF
RFB
RFB
Figure 34. Analog Input Circuitry
Figure 35 shows the voltage vs. current characteristic of the
clamp circuit. For input voltages of up to ±16.5 V, no current
flows in the clamp circuit. For input voltages that are above ±16.5 V,
the AD7606/AD7606-6/AD7606-4 clamp circuitry turns on.
30
–50
–40
–30
–20
–10
0
10
20
–20
–15
–10
–5
0
5
10
15
20
SOURCE VOLTAGE (V)
AVCC, VDRIVE = 5V
TA = 25°C
Figure 35. Input Protection Clamp Profile
A series resistor should be placed on the analog input channels
to limit the current to ±10 mA for input voltages above ±16.5 V.
In an application where there is a series resistance on an analog
input channel, Vx, a corresponding resistance is required on the
analog input GND channel, VxGND (see Figure 36). If there is
no corresponding resistor on the VxGND channel, an offset
error occurs on that channel.
1M
Ω
CLAMP
Vx
1M
Ω
CLAMP
VxGND
RFB
RFB
C
R
R
ANALOG
INPUT
SIGNAL
AD7606
Figure 36. Input Resistance Matching on the Analog Input of the
AD7606/AD7606-6/AD7606-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com