Electronic Components Datasheet Search
  English  ▼

X  

ADIS16385/PCBZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADIS16385/PCBZ
Description  Six Degrees of Freedom Inertial Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16385/PCBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADIS16385/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16385/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16385/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16385/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16385/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16385/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16385/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16385/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16385/PCBZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADIS16385
Preliminary Technical Data
Rev. PrA | Page 18 of 20
APPLICATIONS INFORMATION
PROTOTYPE INTERFACE BOARD
The ADIS16385/PCBZ includes one ADIS16385BMLZ, one
interface printed circuit board (PCB), and four M2x18 machine
screws. The interface PCB provides larger connectors than the
ADIS16385BMLZ for simpler prototyping, four-tapped M2 holes
for attachment of the ADIS16385BMLZ, and four holes (machine
screw size M2.5 or #4) for mounting the ADIS16385BMLZ to a
solid structure. J1 and J2 are dual-row, 2 mm (pitch) connectors
that work with a number of ribbon cable systems, including 3M
Part Number 152212-0100-GB (ribbon crimp connector) and 3M
Part Number 3625/12 (ribbon cable).
Figure 20 provides the top-level view of the interface board.
Install the ADIS16385BMLZ onto this board using the silk
pattern as an orientation guide. Figure 21 provides the pin
assignments for J1 and J2. The pin descriptions match those
listed in Table 5. The ADIS16385 does not require external
capacitors for normal operation; therefore, the interface PCB
does not use the C1/C2 pads.
iSensor
Figure 20. Physical Diagram for the ADIS16385/PCBZ
1
2
3
4
5
6
7
8
9
10
11
12
DNC
DNC
DNC
DNC
DIO2
DNC
DNC
DIO1
CLKIN
DNC
GND
J2
GND
2
4
6
8
10
1
3
5
7
9
11
12
RST
CS
GND
GND
VCC
GND
VCC
VCC
DIN
DOUT
SCLK
J1
DNC
Figure 21. J1/J2 Pin Assignments
INSTALLATION TIPS
Figure 22 and Figure 23 provide the mechanical design information
used for the ADIS16385/PCBZ. Use Figure 22 and Figure 23 when
implementing a connector-down approach, where the mating
connector and the ADIS16385BMLZ are on the same surface.
When designing a connector-up system, use the mounting
holes shown in Figure 22 as a guide in designing the bulkhead
mounting system and use Figure 23 as a guide in developing
the mating connector interface on a flexible circuit or other
connector system.
2x
0.560 BSC
ALIGNMENT HOLES
FOR MATING SOCKET
5.00 BSC
39.60 BSC
19.800 BSC
31.200 BSC
15.600 BSC
5.00 BSC
4x
2.500 BSC
2.280
17.520
Figure 22. Suggested Mounting Hole Locations, Connector Down
0.4334 [11.0]
0.0240 [0.610]
0.019685
[0.5000]
(TYP)
0.054 [1.37]
0.0394 [1.00]
0.0394 [1.00]
0.1800
[4.57]
NONPLATED
THRU HOLE 2×
0.022±
DIA (TYP)
0.022 DIA THRU HOLE (TYP)
NONPLATED THRU HOLE
Figure 23. Suggested Layout and Mechanical Design for the Mating Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com