Electronic Components Datasheet Search
  English  ▼

X  

TLP148G Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP148G
Description  Office Machine Household Use Equipment Solid State Relay Switching Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP148G Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP148G Datasheet HTML 1Page - Toshiba Semiconductor TLP148G Datasheet HTML 2Page - Toshiba Semiconductor TLP148G Datasheet HTML 3Page - Toshiba Semiconductor TLP148G Datasheet HTML 4Page - Toshiba Semiconductor TLP148G Datasheet HTML 5Page - Toshiba Semiconductor TLP148G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP148G
2009-10-20
1
TOSHIBA Photocoupler GaAs Ired & Photo−Thyristor
TLP148G
Office Machine
Household Use Equipment
Solid State Relay
Switching Power Supply
The TOSHIBA mini flat coupler TLP148G is a small outline coupler,
suitable for surface mount assembly.
The TLP148G consists of a photo thyristor, optically coupled to a gallium
arsenide infrared emitting diode.
• Peak off−state voltage: 400 V (min)
• Trigger LED current: 10 mA (max)
• On-state current: 150 mA (max)
• Isolation voltage: 2500 Vrms (min)
• UL recognized: UL1577, file no. E67349
Trigger LED current
*Example: “(IFT7)”; “TLP148G(IFT7)”
(Note) When specifying the application type name for
certification testing, be sure to use the standard product
type name, e.g., TLP148G(IFT7): TLP148G
Unit in mm
TOSHIBA
11−4C2
Weight: 0.09 g (typ.)
Trigger LED current (mA)
VAK=6V, RGK=27kΩ,
Ta=25°C
Classification*
Min
Max
Marking of
classification
(IFT7)
―
7
T7
Standard
―
10
T7、blank
Pin Connections


Similar Part No. - TLP148G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP148G TOSHIBA-TLP148G_14 Datasheet
269Kb / 6P
Office Machine Household Use Equipment Solid State Relay Switching Power Supply
More results

Similar Description - TLP148G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP731 TOSHIBA-TLP731 Datasheet
415Kb / 9P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT SOLID STATE RELAY SWITCHING POWER SUPPLY
01-Jun-2001
TLP741J TOSHIBA-TLP741J Datasheet
291Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT SOLID STATE RELAY SWITCHING POWER SUPPLY
01-Jun-2001
TLP3061 TOSHIBA-TLP3061_07 Datasheet
156Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3041 TOSHIBA-TLP3041_07 Datasheet
551Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP548J TOSHIBA-TLP548J Datasheet
251Kb / 6P
Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP549J TOSHIBA-TLP549J Datasheet
248Kb / 6P
Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP748J TOSHIBA-TLP748J Datasheet
245Kb / 6P
Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP748JF TOSHIBA-TLP748JF Datasheet
136Kb / 4P
Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP148G TOSHIBA-TLP148G_14 Datasheet
269Kb / 6P
Office Machine Household Use Equipment Solid State Relay Switching Power Supply
TLP733 TOSHIBA-TLP733 Datasheet
162Kb / 10P
Office Machine Household Use Equipment Solid State Relay Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com