Electronic Components Datasheet Search
  English  ▼

X  

TLP148G Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP148G
Description  Office Machine Household Use Equipment Solid State Relay Switching Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP148G Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP148G Datasheet HTML 1Page - Toshiba Semiconductor TLP148G Datasheet HTML 2Page - Toshiba Semiconductor TLP148G Datasheet HTML 3Page - Toshiba Semiconductor TLP148G Datasheet HTML 4Page - Toshiba Semiconductor TLP148G Datasheet HTML 5Page - Toshiba Semiconductor TLP148G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP148G
2009-10-20
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
―
―
10
μA
Capacitance
CT
V = 0, f = 1 MHz
―
30
―
pF
Off
−state current
IDRM
VAK = 400 V, RGK = 27 kΩ
―
―
5
μA
Reverse current
IRRM
VKA = 400 V, RGK = 27 kΩ
―
―
5
μA
On
−state voltage
VTM
ITM = 100 mA, IF = 10 mA
―
1.25
1.45
V
Holding current
IH
RGK = 27 kΩ
―
―
1
mA
Off
−state dv / dt
dv/dt
VAK = 280 V, RGK = 27 kΩ
15
―
―
V / μs
Anode to gate
―
5
―
Capacitance
Cj
V = 0, f = 1 MHz
Gate to cathode
―
500
―
pF
Coupled Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Trigger LED current
IFT
VAK = 6 V, RGK = 27kΩ
―
3
10
mA
Turn
−on time
tON
IF = 30mA, VAA = 50 V,
RGK = 27kΩ
―
10
―
μs
Capacitance (input to output)
CS
VS = 0, f = 1 MHz
―
0.8
―
pF
Isolation resistance
RS
VS = 500 V, R.H. ≤ 60%
5×10
10
10
14
―
Ω
AC, 1 minute
2500
―
―
AC, 1 second, in oil
―
5000
―
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
―
5000
―
Vdc



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com