Electronic Components Datasheet Search
  English  ▼

X  

Si5366 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # Si5366
Description  Pin-Controlled 1_710 MHz Jitter Cleaning Clock
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5366 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button Si5366 Datasheet HTML 7Page - Silicon Laboratories Si5366 Datasheet HTML 8Page - Silicon Laboratories Si5366 Datasheet HTML 9Page - Silicon Laboratories Si5366 Datasheet HTML 10Page - Silicon Laboratories Si5366 Datasheet HTML 11Page - Silicon Laboratories Si5366 Datasheet HTML 12Page - Silicon Laboratories Si5366 Datasheet HTML 13Page - Silicon Laboratories Si5366 Datasheet HTML 14Page - Silicon Laboratories Si5366 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
Si5317
Preliminary Rev. 0.15
11
LVCMOS Output Pins
Rise/Fall Times
tRF
CLOAD = 20 pf
See Figure 2
—25
—
ns
LOSn Trigger Window
LOSTRIG From LVST CKIN to LOS
—750
µs
Time to Clear LOS Alarm
tLOSCLR
Measured from appearance
of valid CKIN to
of LOS
alarm
90
—
220
ms
Time to Clear LOL after LOS Cleared
tCLRLOL
fin unchanged and XA/XB
stable.
LOS to  LOL
—10
—
ms
PLL Performance
Lock Time
tLOCKHW RST with valid CKIN to 
LOL; BW = 100 Hz
—
1.2
sec
Closed Loop Jitter Peaking
JPK
—
0.05
0.1
dB
Jitter Tolerance
JTOL
BW determined by
BWSEL[1:0]
5000/
BW
—
—
ns pk-
pk
Minimum Reset Pulse Width
tRSTMIN
1—
—
µs
Lock Time
tLOCKMP
Reset b
 to  of LOL
—
35
1000
ms
Spurious Noise
SPSPUR
Max spur @ n x f3
(n > 1, n x f3 < 100 MHz)
——
–75
dBc
Table 4. AC Characteristics (Continued)
(VDD = 1.8 ±5%, 2.5 ±10%, or 3.3 V ±10%, TA = –40 to 85 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com