Electronic Components Datasheet Search
  English  ▼

X  

RB751 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # RB751
Description  Schottky barrier single diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RB751 Datasheet(HTML) 2 Page - NXP Semiconductors

  RB751 Datasheet HTML 1Page - NXP Semiconductors RB751 Datasheet HTML 2Page - NXP Semiconductors RB751 Datasheet HTML 3Page - NXP Semiconductors RB751 Datasheet HTML 4Page - NXP Semiconductors RB751 Datasheet HTML 5Page - NXP Semiconductors RB751 Datasheet HTML 6Page - NXP Semiconductors RB751 Datasheet HTML 7Page - NXP Semiconductors RB751 Datasheet HTML 8Page - NXP Semiconductors RB751 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RB751_SER_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 21 May 2007
2 of 10
NXP Semiconductors
RB751 series
Schottky barrier single diodes
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
4.
Marking
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
SOD882
1
cathode
[1]
2
anode
SOD323; SOD523
1
cathode
[1]
2
anode
2
1
Transparent
top view
sym001
12
001aab540
12
sym001
12
Table 4.
Ordering information
Type number
Package
Name
Description
Version
RB751CS40
-
leadless ultra small plastic package; 2 terminals;
body 1.0
× 0.6 × 0.5 mm
SOD882
RB751S40
SC-79
plastic surface-mounted package; 2 leads
SOD523
RB751V40
SC-76
plastic surface-mounted package; 2 leads
SOD323
Table 5.
Marking codes
Type number
Marking code
RB751CS40
F6
RB751S40
G4
RB751V40
W8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com