Electronic Components Datasheet Search
  English  ▼

X  

RB751 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # RB751
Description  Schottky barrier single diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RB751 Datasheet(HTML) 5 Page - NXP Semiconductors

  RB751 Datasheet HTML 1Page - NXP Semiconductors RB751 Datasheet HTML 2Page - NXP Semiconductors RB751 Datasheet HTML 3Page - NXP Semiconductors RB751 Datasheet HTML 4Page - NXP Semiconductors RB751 Datasheet HTML 5Page - NXP Semiconductors RB751 Datasheet HTML 6Page - NXP Semiconductors RB751 Datasheet HTML 7Page - NXP Semiconductors RB751 Datasheet HTML 8Page - NXP Semiconductors RB751 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RB751_SER_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 21 May 2007
5 of 10
NXP Semiconductors
RB751 series
Schottky barrier single diodes
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 13.
Fig 4.
Package outline SOD882
Fig 5.
Package outline SOD523 (SC-79)
Fig 6.
Package outline SOD323 (SC-76)
03-04-17
Dimensions in mm
0.55
0.47
0.65
0.62
0.55
0.50
0.46
cathode marking on top side
1.02
0.95
0.30
0.22
0.30
0.22
2
1
02-12-13
Dimensions in mm
1.65
1.55
1.25
1.15
0.17
0.11
0.34
0.26
0.65
0.58
0.85
0.75
1
2
03-12-17
Dimensions in mm
0.25
0.10
0.45
0.15
2.7
2.3
1.8
1.6
0.40
0.25
1.1
0.8
1.35
1.15
1
2
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
8000
10000
RB751CS40
SOD882
2 mm pitch, 8 mm tape and reel
-
-
-315
RB751S40
SOD523
2 mm pitch, 8 mm tape and reel
-
-315
-
4 mm pitch, 8 mm tape and reel
-115
-
-135
RB751V40
SOD323
4 mm pitch, 8 mm tape and reel
-115
-
-135



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com