Electronic Components Datasheet Search
  English  ▼

X  

ZXRE1004CF Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXRE1004CF
Description  SOT23 MICROPOWER (4uA) 1.22V VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXRE1004CF Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXRE1004CF Datasheet HTML 1Page - Zetex Semiconductors ZXRE1004CF Datasheet HTML 2Page - Zetex Semiconductors ZXRE1004CF Datasheet HTML 3Page - Zetex Semiconductors ZXRE1004CF Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
 High performance alternative to REF1004,
LT1004 and LM185/385 references
 4A typical knee current
 Small outline SOT23 package
 SO8 and E-Line alternatives available
 20ppm/°C typical temperature coefficient
 Unconditionally stable
 0.5%, 1%, 2% and 3% tolerance
 Contact Zetex marketing for availability of tighter
tolerance devices
APPLICATIONS
 Battery powered equipment
 Precision power supplies
 Portable instrumentation
 Portable communications devices
 Notebook and palmtop computers
 Data acquisition systems
 A/D and D/A converters
 Test equipment
DESCRIPTION
The ZXRE1004 is a 1.22 volt bandgap reference circuit
designed for ultra low current operation, typically 4
A.
The device is available in a SOT23 surface mount
package offering the ultimate in space and power
saving. These features make the ZXRE1004 particularly
suitable for portable and battery powered applications.
SOT23 tolerance selection is available to 0.5% for
precision applications. Excellent performance is
maintained over the 8
A to 20mA operating current
range with a typical temperature coefficient of only
20ppm/°C. The device has been designed to be highly
tolerant of capacitive loads so maintaining excellent
stability.
As well as the SOT23, the ZXRE1004 can offer a pin for
pin compatible alternative to the REF1004, LT1004 and
LM185/385 series of voltage references with SO8 and
E-Line (TO92 style) equivalents .
VR
Gnd
SOT23 MICROPOWER (4
A) 1.22V VOLTAGE REFERENCE
1
1.5V
27k
1.22V
SCHEMATIC DIAGRAM
APPLICATIONS CIRCUIT
Ultra low quiescent reference from a 1.5V battery
source.
ZXRE1004
ISSUE 2 - JUNE 1999


Similar Part No. - ZXRE1004CF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE1004CFTA DIODES-ZXRE1004CFTA Datasheet
96Kb / 5P
SOT23 MICROPOWER (4關A) 1.22V VOLTAGE REFERENCE
Rev Package
More results

Similar Description - ZXRE1004CF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRE125 ZETEX-ZXRE125 Datasheet
140Kb / 4P
SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
ZXRE4041 ZETEX-ZXRE4041 Datasheet
61Kb / 4P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018 Datasheet
300Kb / 9P
Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Rev 2; 12/02
logo
Zetex Semiconductors
ZXRE125 ZETEX-ZXRE125_03 Datasheet
193Kb / 7P
MICROPOWER 1.22V VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
logo
Diodes Incorporated
ZXRE125 DIODES-ZXRE125 Datasheet
107Kb / 5P
SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
Rev 8
ZXRE1004 DIODES-ZXRE1004 Datasheet
96Kb / 5P
SOT23 MICROPOWER (4關A) 1.22V VOLTAGE REFERENCE
Rev Package
ZXRE4041 DIODES-ZXRE4041 Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
Rev 6
ZXRE4041DFTA DIODES-ZXRE4041DFTA Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
Rev 6
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com