Electronic Components Datasheet Search
  English  ▼

X  

ZXRE1004CF Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXRE1004CF
Description  SOT23 MICROPOWER (4uA) 1.22V VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXRE1004CF Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXRE1004CF Datasheet HTML 1Page - Zetex Semiconductors ZXRE1004CF Datasheet HTML 2Page - Zetex Semiconductors ZXRE1004CF Datasheet HTML 3Page - Zetex Semiconductors ZXRE1004CF Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Zetex plc.
Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom.
Telephone: (44)161 622 4422 (Sales), (44)161 622 4444 (General Enquiries)
Fax: (44)161 622 4420
Zetex GmbH
Zetex Inc.
Zetex (Asia) Ltd.
These are supported by
Streitfeldstraße 19
47 Mall Drive, Unit 4
3510 Metroplaza, Tower 2
agents and distributors in
D-81673 München
Commack NY 11725
Hing Fong Road,
major countries world-wide
Germany
USA
Kwai Fong, Hong Kong
Zetex plc 1999
Telefon: (49) 89 45 49 49 0
Telephone: (516) 543-7100
Telephone:(852) 26100 611
Fax: (49) 89 45 49 49 49
Fax: (516) 864-7630
Fax: (852) 24250 494
Internet:http://www.zetex.com
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any
purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the
right to alter without notice the specification, design, price or conditions of supply of any product or service.
Ordering Information
Device
TOL%
Package
Partmarking
ZXRE1004CF
0.5
SOT23
10D
ZXRE1004DF
1
SOT23
10C
ZXRE1004EF
2
SOT23
10B
ZXRE1004FF
3
SOT23
10A
ZXRE1004DN8
†
1
SO8
ZXRE1004D
ZXRE1004EN8
†
2
SO8
ZXRE1004E
ZXRE1004FN8
†
3
SO8
ZXRE1004F
ZXRE1004DR
†
1
E-Line
ZXRE1004D
ZXRE1004ER
†
2
E-Line
ZXRE1004E
ZXRE1004FR
†
3
E-Line
ZXRE1004F
†Contact Zetex marketing for availability of these package options
NOTE:
for tape and reel options add suffix TA to the part number
eg ZXRE1004DFTA
SO8
Package Suffix – N8
Top View
SOT23
Package Suffix – F
Top View –
Pin 1 floating or
connected to pin 2
E-Line, 3 pin,Rev
Package Suffix – R
Bottom View –
Pin 3 floating or
connected to pin 1
Connection Diagrams
ZXRE1004
ISSUE 2 - JUNE 1999



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com