Electronic Components Datasheet Search
  English  ▼

X  

ZHCS1000 Datasheet(PDF) 13 Page - Zetex Semiconductors

Part # ZHCS1000
Description  LED DRIVER SOLUTION FOR LCD BACKLIGHTING
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHCS1000 Datasheet(HTML) 13 Page - Zetex Semiconductors

Back Button ZHCS1000 Datasheet HTML 6Page - Zetex Semiconductors ZHCS1000 Datasheet HTML 7Page - Zetex Semiconductors ZHCS1000 Datasheet HTML 8Page - Zetex Semiconductors ZHCS1000 Datasheet HTML 9Page - Zetex Semiconductors ZHCS1000 Datasheet HTML 10Page - Zetex Semiconductors ZHCS1000 Datasheet HTML 11Page - Zetex Semiconductors ZHCS1000 Datasheet HTML 12Page - Zetex Semiconductors ZHCS1000 Datasheet HTML 13Page - Zetex Semiconductors ZHCS1000 Datasheet HTML 14Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
ZXSC310
PROVISIONAL ISSUE A - SEPTEMBER 2001
13
STDN
VCC
Gnd
ISENSE
VDRIVE
1
2
3
4
5
Top View
PINOUT DIAGRAM
Pin No.
Name
Description
1V
CC
Supply voltage, generally Alkaline, NiMH or NiCd single cell
2G
nd
Ground
3S
TDN
Shutdown
4I
SENSE
Inductor current sense input. Internal threshold voltage set to 19mV.
Connect external sense resistor
5V
DRIVE
Drive output for external switching transistor. Connect to base of
external switching transistor.
PIN DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com