Electronic Components Datasheet Search
  English  ▼

X  

ZHCS1000 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZHCS1000
Description  LED DRIVER SOLUTION FOR LCD BACKLIGHTING
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHCS1000 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZHCS1000 Datasheet HTML 1Page - Zetex Semiconductors ZHCS1000 Datasheet HTML 2Page - Zetex Semiconductors ZHCS1000 Datasheet HTML 3Page - Zetex Semiconductors ZHCS1000 Datasheet HTML 4Page - Zetex Semiconductors ZHCS1000 Datasheet HTML 5Page - Zetex Semiconductors ZHCS1000 Datasheet HTML 6Page - Zetex Semiconductors ZHCS1000 Datasheet HTML 7Page - Zetex Semiconductors ZHCS1000 Datasheet HTML 8Page - Zetex Semiconductors ZHCS1000 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DEVICE DESCRIPTION
The ZXSC310 is PFM, controller IC which, when
combined with a high performance external transistor,
enables the production of a high efficiency boost
converter for LED driving applications. A block
diagram is shown for the ZXSC310 below.
The on chip comparator forces the driver circuit and
therefore the external switching transistor off if the
voltage at ISENSE exceeds 19mV. An internal reference
circuit and divider set this threshold.
The voltage at ISENSE is taken from a current sense
resistor connected in series with the emitter of the
switching transistor. A monostable following the
output of the comparator forces the turn-off time of the
output stage to be typically 1.7us. This ensures that
there is sufficient time to discharge the inductor coil
before the next on period.
With every on pulse the switching transistor is kept on
until the voltage across the current-sense resistor
exceeds the threshold of the ISENSE input. The on-pulse
length, and therefore the switching frequency, is
determined by the programmed peak current, the input
voltage and the input to output voltage differential. See
applications section for details.
The driver circuit supplies the external switching
transistor with a fixed drive current. To maximise
efficiency the external transistor switched quickly,
typically being forced off within 30ns.
ZXSC310
PROVISIONAL ISSUE A - SEPTEMBER 2001
5
I
2
Drive
ISENSE
R2
VRE
R1
VDRIVE
GND
I
VCC
STDN
ZXSC310 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com