Electronic Components Datasheet Search
  English  ▼

X  

J412 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # J412
Description  DC-DC Converter, Relay Drive and Motor Drive Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

J412 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  J412 Datasheet HTML 1Page - Toshiba Semiconductor J412 Datasheet HTML 2Page - Toshiba Semiconductor J412 Datasheet HTML 3Page - Toshiba Semiconductor J412 Datasheet HTML 4Page - Toshiba Semiconductor J412 Datasheet HTML 5Page - Toshiba Semiconductor J412 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SJ412
2009-09-29
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
―
―
±10
μA
Drain cut-off current
IDSS
VDS = −100 V, VGS = 0 V
―
―
−100
μA
Drain-source breakdown voltage
V (BR) DSS
ID = −10 mA, VGS = 0 V
−100
―
―
V
Gate threshold voltage
Vth
VDS = −10 V, ID = −1 mA
−0.8
―
−2.0
V
VGS = −4 V, ID = −6 A
―
0.25
0.32
Gate-source ON resistance
RDS (ON)
VGS = −10 V, ID = −6 A
―
0.15
0.21
Ω
Forward transfer admittance
|Yfs|
VDS = −10 V, ID = −6 A
4.5
7.7
―
S
Input capacitance
Ciss
―
1100
―
pF
Reverse transfer capacitance
Crss
―
210
―
pF
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
―
440
―
pF
Rise time
tr
―
18
―
Turn-on time
ton
―
30
―
Fall time
tf
―
18
―
Switching time
Turn-off time
toff
Duty ≤ 1%, tw = 10 μs
―
65
―
ns
Total gate charge
(gate-source plus gate-drain)
Qg
―
48
―
nC
Gate-source charge
Qgs
―
29
―
nC
Gate-drain (“miller”) charge
Qgd
VDD ≈ −80 V, VGS = −10 V, ID = −16 A
―
19
―
nC
Source-Drain Rating and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
―
―
―
−16
A
Pulse drain reverse current
(Note 1)
IDRP
―
―
―
−64
A
Forward voltage (diode)
VDSF
IDR = −16 A, VGS = 0 V
―
―
1.7
V
Reverse recovery time
trr
―
160
―
ns
Reverse recovery charge
Qrr
IDR = −16 A, VGS = 0 V
dIDR/dt = 50 A/μs
―
0.5
―
μC
Marking
Note 4: A line under a Lot No. identifies the indication of product
Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament
and of the Council of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.
Lot No.
Note 4
J412
Part No. (or abbreviation code)
−10 V
0 V
VGS
VDD ≈ −50 V
ID = −8 A
VOUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com