Electronic Components Datasheet Search
  English  ▼

X  

J412 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # J412
Description  DC-DC Converter, Relay Drive and Motor Drive Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

J412 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  J412 Datasheet HTML 1Page - Toshiba Semiconductor J412 Datasheet HTML 2Page - Toshiba Semiconductor J412 Datasheet HTML 3Page - Toshiba Semiconductor J412 Datasheet HTML 4Page - Toshiba Semiconductor J412 Datasheet HTML 5Page - Toshiba Semiconductor J412 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SJ412
2009-09-29
3
Drain-source voltage VDS (V)
ID – VDS
−10
0
0
−2
−5
−2.0
−1
−3
−4
Common source
Tc = 25°C
Pulse test
−0.4
−1.2
−1.6
VGS = −2 V
−2.5
−3
−4
−6
−8
−0.8
Drain-source voltage VDS (V)
ID – VDS
−10
0
0
−8
−20
−10
−4
−4
−12
−16
Common source
Tc = 25°C
Pulse test
−2
−6
−8
−2.5
−3
−4.0
−6
−8
VGS = −2 V
−3.5
Gate-source voltage VGS (V)
ID – VGS
−6
0
0
−1
−2
−3
−5
−6
−4
−2
−4
−8
−10
25
100
Tc = −55°C
Common source
VDS = −10 V
Pulse test
Drain current ID (A)
|Yfs| – ID
Tc = −55°C
100
25
1
−0.3
−20
−3
−1.0
−10
30
10
3
Common source
VDS = −10 V
Pulse test
5
Drain current ID (A)
RDS (ON) – ID
0.03
−0.1
−20
−1.0
−0.3
−10
Common source
Tc = 25°C
Pulse test
2.0
1.0
0.1
0.3
−3
VGS = −4 V
−10
0.05
0.5
Gate-source voltage VGS (V)
VDS – VGS
0
0
−1.6
−0.8
−3.2
−2.4
−4
−8
−12
−16
−20
ID = −8 A
−4
−2
Common source
Tc = 25°C
Pulse test



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com