Electronic Components Datasheet Search
  English  ▼

X  

TPC8207 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC8207
Description  Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8207 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC8207 Datasheet HTML 1Page - Toshiba Semiconductor TPC8207 Datasheet HTML 2Page - Toshiba Semiconductor TPC8207 Datasheet HTML 3Page - Toshiba Semiconductor TPC8207 Datasheet HTML 4Page - Toshiba Semiconductor TPC8207 Datasheet HTML 5Page - Toshiba Semiconductor TPC8207 Datasheet HTML 6Page - Toshiba Semiconductor TPC8207 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPC8207
2007-01-16
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8207
Lithium Ion Battery Applications
Notebook PC Applications
Portable Equipment Applications
• Small footprint due to small and thin package
• Low drain-source ON resistance: RDS (ON) = 16 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 11 S (typ.)
• Low leakage current: IDSS = 10 µA (max) (VDS = 20 V)
• Enhancement-mode: Vth = 0.5~1.2 V (VDS = 10 V, ID = 200 µA)
Absolute Maximum Ratings (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
20
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
20
V
Gate-source voltage
VGSS
±12
V
DC
(Note 1)
ID
6
Drain current
Pulse
(Note 1)
IDP
24
A
Single-device
operation (Note 3a)
PD (1)
1.5
Drain power
dissipation
(t
= 10 s)
(Note 2a)
Single-device value
at dual operation
(Note 3b)
PD (2)
1.1
W
Single-device
operation (Note 3a)
PD (1)
0.75
Drain power
dissipation
(t
= 10 s)
(Note 2b)
Single-device value
at dual operation
(Note 3b)
PD (2)
0.45
W
Single pulse avalanche energy
(Note 4)
EAS
46.8
mJ
Avalanche current
IAR
6
A
Repetitive avalanche energy
Single-device value at dual operation
(Note 2a, 3b, 5)
EAR
0.1
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: (Note 1), (Note 2), (Note 3), (Note 4) and (Note 5): See the next page.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
This transistor is an electrostatic-sensitive device. Please handle with caution.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-6J1E
Weight: 0.08 g (typ.)
Circuit Configuration
8
7
6
5
1
2
3
4


Similar Part No. - TPC8207

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8207 TOSHIBA-TPC8207 Datasheet
219Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8207 TOSHIBA-TPC8207 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPC8207 VBSEMI-TPC8207 Datasheet
985Kb / 7P
Dual N-Channel 20-V (D-S) MOSFET
More results

Similar Description - TPC8207

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8105 TOSHIBA-TPCS8105_07 Datasheet
255Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
16-Nov-2006
TPCS8204 TOSHIBA-TPCS8204_07 Datasheet
188Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
16-Jan-2007
TPCS8209 TOSHIBA-TPCS8209_07 Datasheet
190Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
16-Jan-2007
TPCS8211 TOSHIBA-TPCS8211_07 Datasheet
209Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
16-Jan-2007
TPCS8302 TOSHIBA-TPCS8302_07 Datasheet
194Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
16-Nov-2006
TPCA8025 TOSHIBA-TPCA8025 Datasheet
215Kb / 7P
Lithium-Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8110 TOSHIBA-TPC8110_06 Datasheet
267Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8210 TOSHIBA-TPC8210_07 Datasheet
275Kb / 7P
Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
TPCA8103 TOSHIBA-TPCA8103_06 Datasheet
288Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCA8102 TOSHIBA-TPCA8102_06 Datasheet
295Kb / 7P
Lithium Ion Battery Applications Notebook pc Applications Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com