Electronic Components Datasheet Search
  English  ▼

X  

K3567 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # K3567
Description  Switching Regulator Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

K3567 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  K3567 Datasheet HTML 1Page - Toshiba Semiconductor K3567 Datasheet HTML 2Page - Toshiba Semiconductor K3567 Datasheet HTML 3Page - Toshiba Semiconductor K3567 Datasheet HTML 4Page - Toshiba Semiconductor K3567 Datasheet HTML 5Page - Toshiba Semiconductor K3567 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3567
2009-09-29
3
1
0.1
1
10
10
VGS = 10 V、15V
0
0
2
4
6
8
10
2
4
Tc
= −55°C
25
100
3
1
0
12
16
20
0
ID = 3.5 A
4
8
12
16
1
1.8
8
4
0.1
1
10
0.1
1
10
25
100
Tc
= −55°C
2
1.2
0.8
0
1.6
0.4
0
1
2
3
4
VGS = 4V
4.2
4.6
4.4
4.8
5
8
15,10
5
5.5
6
DRAIN-SOURCE VOLTAGE VDS
(V)
ID – VDS
4
3
2
1
0
5
0
8
20
VGS = 4 V
4.5
5
6
15,10
5.5
16
12
4
8
COMMON SOURCE
Tc
= 25°C
PULSE TEST
DRAIN CURRENT ID (A)
RDS (ON) – ID
COMMON SOURCE
Tc
= 25°C
PULSE TEST
DRAIN CURRENT ID (A)
⎪Yfs⎪ – ID
COMMON SOURCE
VDS = 20 V
PULSE TEST
DRAIN-SOURCE VOLTAGE VDS
(V)
ID – VDS
COMMON SOURCE
Tc
= 25°C
PULSE TEST
GATE-SOURCE VOLTAGE VGS
(V)
ID – VGS
COMMON SOURCE
VDS = 10 V
PULSE TEST
GATE-SOURCE VOLTAGE VGS
(V)
VDS – VGS
COMMON SOURCE
Tc
= 25℃
PULSE TEST



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com