Electronic Components Datasheet Search
  English  ▼

X  

HT56R678 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT56R678
Description  TinyPowerTM A/D Type with LCD 8-Bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R678 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT56R678 Datasheet HTML 28Page - Holtek Semiconductor Inc HT56R678 Datasheet HTML 29Page - Holtek Semiconductor Inc HT56R678 Datasheet HTML 30Page - Holtek Semiconductor Inc HT56R678 Datasheet HTML 31Page - Holtek Semiconductor Inc HT56R678 Datasheet HTML 32Page - Holtek Semiconductor Inc HT56R678 Datasheet HTML 33Page - Holtek Semiconductor Inc HT56R678 Datasheet HTML 34Page - Holtek Semiconductor Inc HT56R678 Datasheet HTML 35Page - Holtek Semiconductor Inc HT56R678 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 104 page
background image
HT56R67/HT56R668/HT56C668/HT56R678/HT56C678/HT56R688
Rev. 1.20
32
March 4, 2010
L C D O U T 1 R e g i s t e r
b 0
L C D O 8 L C D O 0
b 7
S E G 0 ~ S E G 7 s e g m e n t o r C M O S o u t p u t
1 : C M O S o u t p u t
0 : S E G o u t p u t
S E G 8 ~ S E G 1 5 s e g m e n t o r C M O S o u t p u t
1 : C M O S o u t p u t
0 : S E G o u t p u t
N o t i m p l e m e n t e d , r e a d a s " 0 "
LCD Output Control Register
- LCDOUT1
L C D O U T 2 R e g i s t e r
S E G 1 6 ~ S E G 2 3 s e g m e n t o r C M O S o u t p u t
1 : C M O S o u t p u t
0 : S E G o u t p u t
b 0
L C D O 1 6
b 7
L C D O 1 7
L C D O 1 8
L C D O 1 9
L C D O 2 0
L C D O 2 1
L C D O 2 2
L C D O 2 3
LCD Output Control Register
- LCDOUT2
L E D C T R L R e g i s t e r
b 7
S e l e c t L C D o r L E D
0 : L C D
1 : L E D
b 0
L E D S E L
D T Y E 0
L E D e n a b l e / d i s a b l e c o n t r o l : d e f a u l t v a l u e " 0 "
0 : d i s a b l e
1 : e n a b l e
I n N o r m a l , S l o w , I d l e m o d e
L E D w i l l b e o n / o f f a c c o r d i n g t o " L E D E N " = 1 / 0
I n S l e e p m o d e L E D i s a l w a y s o f f
D e f i n e L E D d u t y
D T Y E 2
D T Y E 1
D T Y E 0
0
0
0
0
1
1
1
1
s t a t i c
1 / 4 d u t y
1 / 8 d u t y
1 / 8 d u t y
1 / 1 2 d u t y
1 / 1 2 d u t y
1 / 1 6 d u t y
1 / 1 6 d u t y
0
0
1
1
0
0
1
1
N o t i m p l e m e n t e d , r e a d a s " 0 "
L E D E N
C O M P
S E G P
D T Y E 1
D T Y E 2
S e l e c t C O M p o l a r i t y
0 : l o w a c t i v e
1 : h i g h a c t i v e
S e l e c t S E G p o l a r i t y
0 : l o w a c t i v e
1 : h i g h a c t i v e
0
1
0
1
0
1
0
1
LED Control Register
- LEDCTRL - HT56R668/HT56C668/HT56R678/HT56C678/HT56R688



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com