Electronic Components Datasheet Search
  English  ▼

X  

HT56R678 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT56R678
Description  TinyPowerTM A/D Type with LCD 8-Bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R678 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT56R678 Datasheet HTML 35Page - Holtek Semiconductor Inc HT56R678 Datasheet HTML 36Page - Holtek Semiconductor Inc HT56R678 Datasheet HTML 37Page - Holtek Semiconductor Inc HT56R678 Datasheet HTML 38Page - Holtek Semiconductor Inc HT56R678 Datasheet HTML 39Page - Holtek Semiconductor Inc HT56R678 Datasheet HTML 40Page - Holtek Semiconductor Inc HT56R678 Datasheet HTML 41Page - Holtek Semiconductor Inc HT56R678 Datasheet HTML 42Page - Holtek Semiconductor Inc HT56R678 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 104 page
background image
HT56R67/HT56R668/HT56C668/HT56R678/HT56C678/HT56R688
Rev. 1.20
39
March 4, 2010
V A
V B
V S S
C O M 0
C O M 1
O n
O f f
C O M 0
S e g m e n t s O n
O n
O f f
O n
O f f
O n
O n
O f f
C O M 1
S e g m e n t s O n
O n
O f f
O n
O f f
O n
O f f
C O M 0
S e g m e n t s O f f
O f f
O f f
O f f
O n
O f f
O n
O f f
O n
O f f
O f f
O f f
O f f
O f f
O f f
O f f
O f f
O f f
O f f
O f f
O f f
V A
V B
V S S
V A
V B
V S S
V A
V B
V S S
V A
V B
V S S
O n
O f f
O n
O f f
O n
O f f
O f f
Note: For 1/2 bias, the VA=VLCD1, VB=VLCD1
´1/2 for both R and C type.
LCD Driver Output
- Type B - 1/2 Duty, 1/2 Bias
Timer/Event Counters
The provision of timers form an important part of any
microcontroller, giving the designer a means of carrying
out time related functions. The devices contain several
8-bit and 16-bit count-up timers. As each timer has three
different operating modes, they can be configured to op-
erate as a general timer, an external event counter or as
a pulse width measurement device. The provision of a
prescaler to the clock circuitry of the 8-bit Timer/Event
Counter also gives added range to this timer.
There are two types of registers related to the
Timer/Event Counters. The first are the registers that
contain the actual value of the Timer/Event Counter and
into which an initial value can be preloaded. Reading
from these registers retrieves the contents of the
Timer/Event Counter. The second type of associated
register is the Timer Control Register which defines the
timer options and determines how the Timer/Event
Counter is to be used. The Timer/Event Counters can
have the their clock configured to come from an internal
clock source. In addition, their clock source can also be
configured to come from an external timer pin.
Configuring the Timer/Event Counter Input Clock
Source
The internal timer
¢s clock can originate from various
sources. The system clock source is used when the
Timer/Event Counter is in the timer mode or in the pulse
width measurement mode. For the 8-bit Timer/Event
Counter this internal clock source is fSYS which is also di-
vided by a prescaler, the division ratio of which is condi-
tioned by the Timer Control Register, TMRnC, bits
TnPSC0~ TnPSC2. For the 16-bit Timer/Event Counter
this internal clock source can be chosen from a combi-
nation of internal clocks using a configuration option and
the TnS bit in the TMRnC register.
An external clock source is used when the timer is in the
event counting mode, the clock source being provided
on an external timer pin TMR0, TMR1, TMR2 or TMR3
depending upon which timer is used. Depending upon
the condition of the TnE bit, each high to low, or low to
high transition on the external timer pin will increment
the counter by one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com