Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 141 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 141 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 137Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 138Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 139Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 140Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 141Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 142Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 143Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 144Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 145Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 250 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.20
141
June 4, 2010
Comparators
Two independent analog comparators are contained
within these devices. These functions offer flexibility via
their register controlled features such as power-down,
polarity select, hysteresis etc. In sharing their pins with
normal I/O pins the comparators do not waste precious
I/O pins if there functions are otherwise unused.
Comparator Operation
The device contains two comparator functions which
are used to compare two analog voltages and provide
an output based on their difference. Full control over the
two internal comparators is provided via two control reg-
isters, CP0C and CP1C, one assigned to each com-
parator. The comparator output is recorded via a bit in
their respective control register, but can also be trans-
ferred out onto a shared I/O pin. Additional comparator
functions include, output polarity, hysteresis functions
and power down control.
Any pull-high resistors connected to the shared com-
parator input pins will be automatically disconnected
when the comparator is enabled. As the comparator in-
puts approach their switching level, some spurious out-
put signals may be generated on the comparator output
due to the slow rising or falling nature of the input sig-
nals. This can be minimised by selecting the hysteresis
function will apply a small amount of positive feedback
to the comparator. Ideally the comparator should switch
at the point where the positive and negative inputs sig-
nals are at the same voltage level, however, unavoid-
able input offsets introduce some uncertainties here.
The hysteresis function, if enabled, also increases the
switching offset value.
Comparator Registers
There are two registers for overall comparator opera-
tion, one for each comparator. As corresponding bits in
the two registers have identical functions, they following
register table applies to both registers.
C n +
C n -
C n P O L
C n O U T
C n X
C n S E L
Comparator
Register
Name
Bit
76543210
CP0C
C0SEL
C0EN
C0POL
C0OUT
C0OS
¾¾
C0HYEN
CP1C
C1SEL
C1EN
C1POL
C1OUT
C1OS
¾¾
C1HYEN
Comparator Registers List
Comparator Interrupt
Each also possesses its own interrupt function. When
any one of the changes state, its relevant interrupt flag
will be set, and if the corresponding interrupt enable bit
is set, then a jump to its relevant interrupt vector will be
executed. Note that it is the changing state of the
C0OUT or C1OUT bit and not the output pin which gen-
erates an interrupt. If the microcontroller is in the SLEEP
or IDLE Mode and the Comparator is enabled, then if the
external input lines cause the Comparator output to
change state, the resulting generated interrupt flag will
also generate a wake-up. If it is required to disable a
wake-up from occurring, then the interrupt flag should
be first set high before entering the SLEEP or IDLE
Mode.
Programming Considerations
If the comparator is enabled, it will remain active when
the microcontroller enters the SLEEP or IDLE Mode,
however as it will consume a certain amount of power,
the user may wish to consider disabling it before the
SLEEP or IDLE Mode is entered.
As comparator pins are shared with normal I/O pins the
I/O registers for these pins will be read as zero (port con-
trol register is
²1²) or read as port data register value
(port control register is
²0²) if the comparator function is
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com