Electronic Components Datasheet Search
  English  ▼

X  

HT66F30 Datasheet(PDF) 176 Page - Holtek Semiconductor Inc

Part # HT66F30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F30 Datasheet(HTML) 176 Page - Holtek Semiconductor Inc

Back Button HT66F30 Datasheet HTML 172Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 173Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 174Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 175Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 176Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 177Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 178Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 179Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 180Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 250 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.20
176
June 4, 2010
Serial Interface Module Interrupt
The Serial Interface Module Interrupt, also known as the
SIM interrupt, is contained within the Multi-function In-
terrupt. A SIM Interrupt request will take place when the
SIM Interrupt request flag, SIMF, is set, which occurs
when a byte of data has been received or transmitted by
the SIM interface. To allow the program to branch to its
respective interrupt vector address, the global interrupt
enable bit, EMI, and the Serial Interface Interrupt enable
bit, SIME, and Muti-function interrupt enable bits, must
first be set. When the interrupt is enabled, the stack is
not full and a byte of data has been transmitted or re-
ceived by the SIM interface, a subroutine call to the re-
spective Multi-function Interrupt vector, will take place.
When the Serial Interface Interrupt is serviced, the EMI
bit will be automatically cleared to disable other inter-
rupts, however only the Multi-function interrupt request
flag will be also automatically cleared. As the SIMF flag
will not be automatically cleared, it has to be cleared by
the application program.
External Peripheral Interrupt
The External Peripheral Interrupt operates in a similar
way to the external interrupt and is contained within the
Multi-function Interrupt. A Peripheral Interrupt request
will take place when the External Peripheral Interrupt re-
quest flag, XPF, is set, which occurs when a negative
edge transition appears on the PINT pin. To allow the
program to branch to its respective interrupt vector ad-
dress, the global interrupt enable bit, EMI, external pe-
ripheral interrupt enable bit, XPE, and associated
Multi-function interrupt enable bit, must first be set.
When the interrupt is enabled, the stack is not full and a
negative transition appears on the External Peripheral
Interrupt pin, a subroutine call to the respective
Multi-function Interrupt, will take place. When the Exter-
nal Peripheral Interrupt is serviced, the EMI bit will be
automatically cleared to disable other interrupts, how-
ever only the Multi-function interrupt request flag will be
also automatically cleared.
As the XPF flag will not be automatically cleared, it has
to be cleared by the application program. The external
peripheral interrupt pin is pin-shared with several other
pins with different functions. It must therefore be prop-
erly configured to enable it to operate as an External Pe-
ripheral Interrupt pin.
EEPROM Interrupt
The EEPROM Interrupt, is contained within the
Multi-function Interrupt. An EEPROM Interrupt request
will take place when the EEPROM Interrupt request
flag, DEF, is set, which occurs when an EEPROM Write
or Read cycle ends. To allow the program to branch to
its respective interrupt vector address, the global inter-
rupt enable bit, EMI, EEPROM Interrupt enable bit,
DEE, and associated Multi-function interrupt enable bit,
must first be set. When the interrupt is enabled, the
stack is not full and an EEPROM Write or Read cycle
ends, a subroutine call to the respective Multi-function
Interrupt vector, will take place. When the EEPROM In-
terrupt is serviced, the EMI bit will be automatically
cleared to disable other interrupts, however only the
Multi-function interrupt request flag will be also automat-
ically cleared. As the DEF flag will not be automatically
cleared, it has to be cleared by the application program.
LVD Interrupt
The Low Voltage Detector Interrupt is contained within
the Multi-function Interrupt. An LVD Interrupt request will
take place when the LVD Interrupt request flag, LVF, is
set, which occurs when the Low Voltage Detector func-
tion detects a low power supply voltage. To allow the
program to branch to its respective interrupt vector ad-
dress, the global interrupt enable bit, EMI, Low Voltage
Interrupt enable bit, LVE, and associated Multi-function
interrupt enable bit, must first be set. When the interrupt
is enabled, the stack is not full and a low voltage condi-
tion occurs, a subroutine call to the Multi-function Inter-
rupt vector, will take place. When the Low Voltage
Interrupt is serviced, the EMI bit will be automatically
cleared to disable other interrupts, however only the
Multi-function interrupt request flag will be also automat-
ically cleared. As the LVF flag will not be automatically
cleared, it has to be cleared by the application program.
TM Interrupts
The Compact and Standard Type TMs have two inter-
rupts each, while the Enhanced Type TM has three in-
terrupts. All of the TM interrupts are contained within the
Multi-function Interrupts. For each of the Compact and
Standard Type TMs there are two interrupt request flags
TnPF and TnAF and two enable bits TnPE and TnAE.
For the Enhanced Type TM there are three interrupt re-
quest flags TnPF, TnAF and TnBF and three enable bits
TnPE, TnAE and TnBE. A TM interrupt request will take
place when any of the TM request flags are set, a situa-
tion which occurs when a TM comparator P, A or B
match situation happens.
To allow the program to branch to its respective interrupt
vector address, the global interrupt enable bit, EMI, re-
spective TM Interrupt enable bit, and relevant
Multi-function Interrupt enable bit, MFnE, must first be
set. When the interrupt is enabled, the stack is not full
and a TM comparator match situation occurs, a subrou-
tine call to the relevant Multi-function Interrupt vector lo-
cations, will take place. When the TM interrupt is
serviced, the EMI bit will be automatically cleared to dis-
able other interrupts, however only the related MFnF
flag will be automatically cleared. As the TM interrupt re-
quest flags will not be automatically cleared, they have
to be cleared by the application program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com