Electronic Components Datasheet Search
  English  ▼

X  

HT66F30 Datasheet(PDF) 177 Page - Holtek Semiconductor Inc

Part # HT66F30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F30 Datasheet(HTML) 177 Page - Holtek Semiconductor Inc

Back Button HT66F30 Datasheet HTML 173Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 174Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 175Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 176Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 177Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 178Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 179Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 180Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 181Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 250 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.20
177
June 4, 2010
Interrupt Wake-up Function
Each of the interrupt functions has the capability of wak-
ing up the microcontroller when in the SLEEP or IDLE
Mode. A wake-up is generated when an interrupt re-
quest flag changes from low to high and is independent
of whether the interrupt is enabled or not. Therefore,
even though the device is in the SLEEP or IDLE Mode
and its system oscillator stopped, situations such as ex-
ternal edge transitions on the external interrupt pins, a
low power supply voltage or comparator input change
may cause their respective interrupt flag to be set high
and consequently generate an interrupt. Care must
therefore be taken if spurious wake-up situations are to
be avoided. If an interrupt wake-up function is to be dis-
abled then the corresponding interrupt request flag
should be set high before the device enters the SLEEP
or IDLE Mode. The interrupt enable bits have no effect
on the interrupt wake-up function.
Programming Considerations
By disabling the relevant interrupt enable bits, a re-
quested interrupt can be prevented from being serviced,
however, once an interrupt request flag is set, it will re-
main in this condition in the interrupt register until the
corresponding interrupt is serviced or until the request
flag is cleared by the application program.
Where a certain interrupt is contained within a
Multi-function interrupt, then when the interrupt service
routine is executed, as only the Multi-function interrupt
request flags, MF0F~MF5F, will be automatically
cleared, the individual request flag for the function
needs to be cleared by the application program.
It is recommended that programs do not use the
²CALL²
instruction within the interrupt service subroutine. Inter-
rupts often occur in an unpredictable manner or need to
be serviced immediately. If only one stack is left and the
interrupt is not well controlled, the original control se-
quence will be damaged once a CALL subroutine is exe-
cuted in the interrupt subroutine.
Every interrupt has the capability of waking up the
microcontroller when it is in SLEEP or IDLE Mode, the
wake up being generated when the interrupt request
flag changes from low to high. If it is required to prevent
a certain interrupt from waking up the microcontroller
then its respective request flag should be first set high
before enter SLEEP or IDLE Mode.
As only the Program Counter is pushed onto the stack,
then when the interrupt is serviced, if the contents of the
accumulator, status register or other registers are al-
tered by the interrupt service program, their contents
should be saved to the memory at the beginning of the
interrupt service routine.
To return from an interrupt subroutine, either a RET or
RETI instruction may be executed. The RETI instruction
in addition to executing a return to the main program
also automatically sets the EMI bit high to allow further
interrupts. The RET instruction however only executes a
return to the main program leaving the EMI bit in its
present zero state and therefore disabling the execution
of further interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com