Electronic Components Datasheet Search
  English  ▼

X  

HT82A620R Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT82A620R
Description  Full Speed USB 8-Bit OTP MCU with SPI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82A620R Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT82A620R Datasheet HTML 9Page - Holtek Semiconductor Inc HT82A620R Datasheet HTML 10Page - Holtek Semiconductor Inc HT82A620R Datasheet HTML 11Page - Holtek Semiconductor Inc HT82A620R Datasheet HTML 12Page - Holtek Semiconductor Inc HT82A620R Datasheet HTML 13Page - Holtek Semiconductor Inc HT82A620R Datasheet HTML 14Page - Holtek Semiconductor Inc HT82A620R Datasheet HTML 15Page - Holtek Semiconductor Inc HT82A620R Datasheet HTML 16Page - Holtek Semiconductor Inc HT82A620R Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
HT82A520R/HT82A620R
Rev.1.20
13
June 23, 2010
Special Purpose Data Memory
This area of Data Memory is where registers, necessary
for the correct operation of the microcontroller, are
stored. Most of the registers are both readable and
writable but some are protected and are readable only,
the details of which are located under the relevant Spe-
cial Function Register section. Note that for locations
that are unused, any read instruction to these addresses
will return the value
²00H².
Special Function Registers
To ensure successful operation of the microcontroller,
certain internal registers are implemented in the Data
Memory area. These registers ensure correct operation
of internal functions such as timers, interrupts, etc., as
well as external functions such as I/O data control. The
location of these registers within the Data Memory be-
gins at the address 00H. Any unused Data Memory lo-
cations between these special function registers and the
point where the General Purpose Memory begins is re-
served and attempting to read data from these locations
will return a value of 00H.
Indirect Addressing Register
- IAR0, IAR1
The IAR0 and IAR1 register, although having their loca-
tions in normal RAM register space, do not actually
physically exist as normal registers. The method of indi-
rect addressing for RAM data manipulation uses these
Indirect Addressing Registers and Memory Pointers, in
contrast to direct memory addressing, where the actual
memory address is specified. Actions on the IAR0 and
IAR1 registers will result in no actual read or write opera-
tion to these registers but rather to the memory location
specified by their corresponding Memory Pointer, MP0
or MP1. Acting as a pair, IAR0 and MP0 can together
only access data from Bank 0, while the IAR1 and MP1
register pair can access data from both Bank 0 and
Bank 1. As the Indirect Addressing Registers are not
physically implemented, reading the Indirect Ad-
dressing Registers indirectly will return a result of
²00H²
and writing to the registers indirectly will result in no op-
eration.
Memory Pointer
- MP0, MP1
For all devices, two Memory Pointers, known as MP0
and MP1 are provided. These Memory Pointers are
physically implemented in the Data Memory and can be
manipulated in the same way as normal registers pro-
viding a convenient way with which to address and track
data. When any operation to the relevant Indirect Ad-
dressing Registers is carried out, the actual address that
the microcontroller is directed to, is the address speci-
fied by the related Memory Pointer.
data .section
¢data¢
adres1
db ?
adres2
db ?
adres3
db ?
adres4
db ?
block
db ?
code .section at 0
¢code¢
org
00h
start:
mov a,04h
; setup size of block
mov block,a
mov a,offset adres1; Accumulator loaded with first RAM address
mov mp0,a
; setup memory pointer with first RAM address
loop:
clr IAR0
; clear the data at address defined by MP0
inc mp0
; increment memory pointer
sdz block
; check if last memory location has been cleared
jmp loop
continue:
The important point to note here is that in the example shown above, no reference is made to specific Data Memory ad-
dresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com