Electronic Components Datasheet Search
  English  ▼

X  

HT82A620R Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT82A620R
Description  Full Speed USB 8-Bit OTP MCU with SPI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82A620R Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT82A620R Datasheet HTML 35Page - Holtek Semiconductor Inc HT82A620R Datasheet HTML 36Page - Holtek Semiconductor Inc HT82A620R Datasheet HTML 37Page - Holtek Semiconductor Inc HT82A620R Datasheet HTML 38Page - Holtek Semiconductor Inc HT82A620R Datasheet HTML 39Page - Holtek Semiconductor Inc HT82A620R Datasheet HTML 40Page - Holtek Semiconductor Inc HT82A620R Datasheet HTML 41Page - Holtek Semiconductor Inc HT82A620R Datasheet HTML 42Page - Holtek Semiconductor Inc HT82A620R Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
HT82A520R/HT82A620R
Rev.1.20
39
June 23, 2010
D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0
S B D R ( R e c e i v e d D a t a R e g i s t e r )
M
U
X
S D O B u f f e r
M
U
X
M L S
D a t a B u s
M
U
X
M a s t e r o r S l a v e
S D I
S D O
I n t e r n a l B a u d R a t e C l o c k
S C K
C l o c k P o l a r i t y
C 2
C 1
C 0
S B E N
I n t e r n a l B u s y F l a g
S B E N
W r i t e S B D R
W C O L F l a g
T R F
a n d , s t a r t
S B E N
E N
A N D
W r i t e S B D R
W r i t e S B D R E n a b l e / D i s a b l e
S C S
E N
M a s t e r o r S l a v e
C S E N
S B E N
a n d , s t a r t
a n d , s t a r t
SPI Block Diagram
Note:
WCOL: set by SPI cleared by users
CSEN: enable/disable chip selection function pin
master mode: 1/0 = with/without SCS output function
Slave mode: 1/0 = with/without SCS input control function
SBEN: enable/disable serial bus (0: initialise all status flags)
when SBEN=0, all status flags should be initialised
when SBEN=1, all SPI related function pins should stay at floating state
TRF: 1 = data transmitted or received, 0= data is transmitting or still not received
CPOL: I/O = clock polarity rising/falling edge: For SPIR Register.
If clock polarity set to rising edge (SPI_CPOL=1), serial clock timing follow SCK, otherwise (SPI_CPOL=0)
SCK is the serial clock timing.
Bit No.
Label
R/W
Function
0
SPI_CPOL
R/W
1: clock polarity rising
0: clock polarity falling (default falling)
1
SPI_MODE
R/W
0: SPI output the data in the rising edge(polarity=1) or falling edge (polarity=0);
SPI read data in the in the falling edge(polarity=1) or rising edge (polarity=0);
(default)
1: SPI first output the data immediately after the SPI is enable. And SPI output
the data in the falling edge(polarity=1) or rising edge (polarity=0); SPI read data
in the in the rising edge(polarity=1) or falling edge (polarity=0)
2
SPI_CSEN
R/W
1: SPI_CSEN Enable , this bit is used to enable/disable software CSEN func-
tion
0: SPI_CSEN disable, SCS define as GPIO (default disable)
3
SPI_EN
R/W
This bit control the shared PIN (SCS, SDI, SDO and SCK) is SPI or GPIO mode
0: I/O mode (default)
1: SPI mode
7~4
Reserved bit
R/W
Always 0
SPIR Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com