Electronic Components Datasheet Search
  English  ▼

X  

D412F Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # D412F
Description  16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

D412F Datasheet(HTML) 3 Page - Maxim Integrated Products

  D412F Datasheet HTML 1Page - Maxim Integrated Products D412F Datasheet HTML 2Page - Maxim Integrated Products D412F Datasheet HTML 3Page - Maxim Integrated Products D412F Datasheet HTML 4Page - Maxim Integrated Products D412F Datasheet HTML 5Page - Maxim Integrated Products D412F Datasheet HTML 6Page - Maxim Integrated Products D412F Datasheet HTML 7Page - Maxim Integrated Products D412F Datasheet HTML 8Page - Maxim Integrated Products D412F Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
16µA IQ, 1.2A PWM DC-DC
Step-Down Converters
_______________________________________________________________________________________
3
Note 1: All units are 100% production tested at TA = +25°C. Limits over the operating range are guaranteed by design.
Note 2: For the MAX1556, 3.3V output accuracy is specified with a 4.2V input.
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VINP = VSHDN = 3.6V, TA = - 40°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN = 2.6V to 3.6V
-0.37
MAX1556,
D1 = IN, D2 = GND;
MAX1556A
D1 = D2 = IN
VIN = 3.6V to 5.5V
0.33
VIN = 2.6V to 3.6V
-0.1
Line Regulation
MAX1557,
D1 = IN, D2 = GND
VIN = 3.6V to 5.5V
0.09
%
VIN = 3.6V
0.19
0.35
MAX1556/MAX1556A
VIN = 2.6V
0.23
VIN = 3.6V
0.35
0.7
p-Channel On-Resistance
MAX1557
VIN = 2.6V
0.42
Ω
VIN = 3.6V
0.27
0.48
n-Channel On-Resistance
VIN = 2.6V
0.33
Ω
MAX1556/MAX1556A
1.5
1.8
2.1
p-Channel Current-Limit
Threshold
MAX1557
0.8
1.0
1.2
A
n-Channel Zero Crossing
Threshold
20
35
45
mA
MAX1556/MAX1556A
1.8
RMS LX Output Current
MAX1557
1.0
ARMS
TA = +25°C
0.1
10
LX Leakage Current
VIN = 5.5V, LX =
GND or IN
TA = +85°C
0.1
µA
Maximum Duty Cycle
100
%
Minimum Duty Cycle
0%
Internal Oscillator Frequency
0.9
1
1.1
MHz
SS Output Impedance
∆VSS / ISS for ISS = 2µA
130
200
300
k
Ω
SS Discharge Resistance
SHDN = GND, 1mA sink current
90
200
Ω
Thermal-Shutdown Threshold
+160
°C
Thermal-Shutdown Hysteresis
15
°C
LOGIC INPUTS (D1, D2,
SHDN)
Input-Voltage High
2.6V
≤ VIN ≤ 5.5V
1.4
V
Input-Voltage Low
0.4
V
TA = +25°C
0.1
1
Input Leakage
TA = +85°C
0.1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com